Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395311002 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 395311002
Description  5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 2 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395311002 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  395311002 Datasheet HTML 1Page - Molex Electronics Ltd. 395311002 Datasheet HTML 2Page - Molex Electronics Ltd. 395311002 Datasheet HTML 3Page - Molex Electronics Ltd. 395311002 Datasheet HTML 4Page - Molex Electronics Ltd. 395311002 Datasheet HTML 5Page - Molex Electronics Ltd. 395311002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.08mm, Euro Header, Vertical
2
395311002
395311302
395311402
395311502
395311802
395311902
395316002
395316302
395316402
395316502
395316802
395316902
12.16
0.479
5.08
0.200
5.08mm, Euro Header, Vertical
3
395311003
395311303
395311403
395311503
395311803
395311903
395316003
395316303
395316403
395316503
395316803
395316903
17.24
0.679
10.16
0.400
5.08mm, Euro Header, Vertical
4
395311004
395311304
395311404
395311504
395311804
395311904
395316004
395316304
395316404
395316504
395316804
395316904
22.32
0.879
15.24
0.600
5.08mm, Euro Header, Vertical
5
395311005
395311305
395311405
395311505
395311805
395311905
395316005
395316305
395316405
395316505
395316805
395316905
27.40
1.079
20.32
0.800
5.08mm, Euro Header, Vertical
6
395311006
395311306
395311406
395311506
395311806
395311906
395316006
395316306
395316406
395316506
395316806
395316906
32.48
1.279
25.40
1.000
5.08mm, Euro Header, Vertical
7
395311007
395311307
395311407
395311507
395311807
395311907
395316007
395316307
395316407
395316507
395316807
395316907
37.56
1.479
30.48
1.200
5.08mm, Euro Header, Vertical
8
395311008
395311308
395311408
395311508
395311808
395311908
395316008
395316308
395316408
395316508
395316808
395316908
42.64
1.679
35.56
1.400
5.08mm, Euro Header, Vertical
9
395311009
395311309
395311409
395311509
395311809
395311909
395316009
395316309
395316409
395316509
395316809
395316909
47.72
1.879
40.64
1.600
5.08mm, Euro Header, Vertical
10
395311010
395311310
395311410
395311510
395311810
395311910
395316010
395316310
395316410
395316510
395316810
395316910
52.80
2.079
45.72
1.800
5.08mm, Euro Header, Vertical
11
395311011
395311311
395311411
395311511
395311811
395311911
395316011
395316311
395316411
395316511
395316811
395316911
57.88
2.279
50.80
2.000
5.08mm, Euro Header, Vertical
12
395311012
395311312
395311412
395311512
395311812
395311912
395316012
395316312
395316412
395316512
395316812
395316912
62.96
2.479
55.88
2.200
5.08mm, Euro Header, Vertical
13
395311013
395311313
395311413
395311513
395311813
395311913
395316013
395316313
395316413
395316513
395316813
395316913
68.04
2.679
60.96
2.400
5.08mm, Euro Header, Vertical
14
395311014
395311314
395311414
395311514
395311814
395311914
395316014
395316314
395316414
395316514
395316814
395316914
73.12
2.879
66.04
2.600
5.08mm, Euro Header, Vertical
15
395311015
395311315
395311415
395311515
395311815
395311915
395316015
395316315
395316415
395316515
395316815
395316915
78.20
3.079
71.12
2.800
5.08mm, Euro Header, Vertical
16
395311016
395311316
395311416
395311516
395311816
395311916
395316016
395316316
395316416
395316516
395316816
395316916
83.28
3.279
76.20
3.000
5.08mm, Euro Header, Vertical
17
395311017
395311317
395311417
395311517
395311817
395311917
395316017
395316317
395316417
395316517
395316817
395316917
88.36
3.479
81.28
3.200
5.08mm, Euro Header, Vertical
18
395311018
395311318
395311418
395311518
395311818
395311918
395316018
395316318
395316418
395316518
395316818
395316918
93.44
3.679
86.36
3.400
5.08mm, Euro Header, Vertical
19
395311019
395311319
395311419
395311519
395311819
395311919
395316019
395316319
395316419
395316519
395316819
395316919
98.52
3.879
91.44
3.600
5.08mm, Euro Header, Vertical
20
395311020
395311320
395311420
395311520
395311820
395311920
395316020
395316320
395316420
395316520
395316820
395316920
103.60
4.079
96.52
3.800
5.08mm, Euro Header, Vertical
21
395311021
395311321
395311421
395311521
395311821
395311921
395316021
395316321
395316421
395316521
395316821
395316921
108.68
4.279 101.60 4.000
5.08mm, Euro Header, Vertical
22
395311022
395311322
395311422
395311522
395311822
395311922
395316022
395316322
395316422
395316522
395316822
395316922
113.76
4.479 106.68 4.200
5.08mm, Euro Header, Vertical
23
395311023
395311323
395311423
395311523
395311823
395311923
395316023
395316323
395316423
395316523
395316823
395316923
118.84
4.679 111.76 4.400
5.08mm, Euro Header, Vertical
24
395311024
395311324
395311424
395311524
395311824
395311924
395316024
395316324
395316424
395316524
395316824
395316924
123.92
4.879 116.84 4.600


Similar Part No. - 395311002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395311003 MOLEX5-395311003 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 3 Circuits
395311004 MOLEX5-395311004 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 4 Circuits
395311005 MOLEX5-395311005 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 5 Circuits
395311006 MOLEX5-395311006 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 6 Circuits
395311007 MOLEX5-395311007 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, 7 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com