Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41791-0841 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-41791-0841
Description  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 11 Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41791-0841 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-41791-0841 Datasheet HTML 1Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 2Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 3Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 4Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 5Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 6Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 7Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 8Page - Molex Electronics Ltd. A-41791-0841 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-0002/0018
Group
A-41791-0019/0035
Group
A-41791-0036/0052
Group
A-41791-0059/0074
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Pin No:
2161-94(102)
Pin No:
2161-94(501)
Pin No:
2161-94(102)
Pin No:
2161-94(102)
Plating:
102 – TIN
Plating:
501 – GOLD
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
2
Voided Ckts
3
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-4020
A-41791-0002
26-61-4020
A-41791-0019
26-62-4020
A-41791-0036
3
26-60-4030
A-41791-0003
26-61-4030
A-41791-0020
26-62-4030
A-41791-0037
26-62-4036
A-41791-0059
4
26-60-4040
A-41791-0004
26-61-4040
A-41791-0021
26-62-4040
A-41791-0038
26-62-4046
A-41791-0060
5
26-60-4050
A-41791-0005
26-61-4050
A-41791-0022
26-62-4050
A-41791-0039
26-62-4056
A-41791-0061
6
26-60-4060
A-41791-0006
26-61-4060
A-41791-0023
26-62-4060
A-41791-0040
26-62-4066
A-41791-0062
7
26-60-4070
A-41791-0007
26-61-4070
A-41791-0024
26-62-4070
A-41791-0041
26-62-4076
A-41791-0063
8
26-60-4080
A-41791-0008
26-61-4080
A-41791-0025
26-62-4080
A-41791-0042
26-62-4086
A-41791-0064
9
26-60-4090
A-41791-0009
26-61-4090
A-41791-0026
26-62-4090
A-41791-0043
26-62-4096
A-41791-0065
10
26-60-4100
A-41791-0010
26-61-4100
A-41791-0027
26-62-4100
A-41791-0044
26-62-4106
A-41791-0066
11
26-60-4110
A-41791-0011
26-61-4110
A-41791-0028
26-62-4110
A-41791-0045
26-62-4116
A-41791-0067
12
26-60-4120
A-41791-0012
26-61-4120
A-41791-0029
26-62-4120
A-41791-0046
26-62-4126
A-41791-0068
13
26-60-4130
A-41791-0013
26-61-4130
A-41791-0030
26-62-4130
A-41791-0047
26-62-4136
A-41791-0069
14
26-60-4140
A-41791-0014
26-61-4140
A-41791-0031
26-62-4140
A-41791-0048
26-62-4146
A-41791-0070
15
26-60-4150
A-41791-0015
26-61-4150
A-41791-0032
26-62-4150
A-41791-0049
26-62-4156
A-41791-0071
16
26-60-4160
A-41791-0016
26-61-4160
A-41791-0033
26-62-4160
A-41791-0050
26-62-4166
A-41791-0072
17
26-60-4170
A-41791-0017
26-61-4170
A-41791-0034
26-62-4170
A-41791-0051
26-62-4176
A-41791-0073
18
26-60-4180
A-41791-0018
26-61-4180
A-41791-0035
26-62-4180
A-41791-0052
26-62-4186
A-41791-0074


Similar Part No. - A-41791-0841

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41791-0840 MOLEX5-A-41791-0840 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 10 Circuits
A-41791-0842 MOLEX5-A-41791-0842 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 12 Circuits
A-41791-0843 MOLEX5-A-41791-0843 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 13 Circuits
A-41791-0844 MOLEX5-A-41791-0844 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 14 Circuits
A-41791-0845 MOLEX5-A-41791-0845 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 15 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com