Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5VT45C-TL Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RH5VT45C-TL
Description  LOW VOLTAGE DETECTOR?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VT45C-TL Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RH5VT45C-TL Datasheet HTML 6Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 7Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 8Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 9Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 10Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 11Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 12Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 13Page - RICOH electronics devices division RH5VT45C-TL Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
6
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
VDD
Supply Voltage
VOUT
Output Voltage
IOUT
Output Current
PD1
Power Dissipation 1
(NOTE1)
PD2
Power Dissipation 2
(NOTE2)
Topt
Operating Temperature Range
Tstg
Storage Temperature Range
Tsolder
Lead Temperature (Soldering)
Rating
Unit
12
V
CMOS
VSS–0.3 to VDD+0.3
V
Nch
VSS–0.3 to 12
70
mA
300
mW
150
mW
–30 to +80
˚C
–55 to +125
˚C
260˚C,10s
Topt=25˚C
(NOTE 1) applied to SOT-89 and TO-92
(NOTE 2) applied to SOT-23-5
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above
these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress
ratings only and do not necessarily imply functional operation below these limits.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - RH5VT45C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5VL27A RICOH-RH5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-RF RICOH-RH5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-RR RICOH-RH5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-T1 RICOH-RH5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-T2 RICOH-RH5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results

Similar Description - RH5VT45C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com