Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S561632E-TC60 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S561632E-TC60
Description  256Mb E-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561632E-TC60 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S561632E-TC60 Datasheet HTML 6Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 7Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 8Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 9Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 10Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 11Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 12Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 13Page - Samsung semiconductor K4S561632E-TC60 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SDRAM 256Mb E-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.5 May 2004
SDRAM 256Mb E-die (x4, x8, x16)
DQ BUFFER OUTPUT DRIVE CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Notes
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
1.37
4.37
Volts/ns
3
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
1.30
3.8
Volts/ns
3
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
2.8
3.9
5.6
Volts/ns
1,2
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
2.0
2.9
5.0
Volts/ns
1,2
1. Rise time specification based on 0pF + 50
Ω to VSS, use these values to design to.
2. Fall time specification based on 0pF + 50
Ω to VDD, use these values to design to.
3. Measured into 50pF only, use these values to characterize to.
4. All measurements done with respect to VSS.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
60
75
Unit
Note
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
6
1000
7.5
1000
ns
1
CAS latency=2
-
10
CLK to valid
output delay
CAS latency=3
tSAC
55.4
ns
1,2
CAS latency=2
-
6
Output data
hold time
CAS latency=3
tOH
2.5
3
ns
2
CAS latency=2
-
3
CLK high pulse width
tCH
2.5
2.5
ns
3
CLK low pulse width
tCL
2.5
2.5
ns
3
Input setup time
tSS
1.5
1.5
ns
3
Input hold time
tSH
10.8
ns
3
CLK to output in Low-Z
tSLZ
11
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
55.4
ns
CAS latency=2
-
6
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :


Similar Part No. - K4S561632E-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561632E-UC60 SAMSUNG-K4S561632E-UC60 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S561632E-UC75 SAMSUNG-K4S561632E-UC75 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S561632E-UL60 SAMSUNG-K4S561632E-UL60 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S561632E-UL75 SAMSUNG-K4S561632E-UL75 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - K4S561632E-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560438E-GC SAMSUNG-K4H560438E-GC Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com