Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35421-6102 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 35421-6102
Description  Tab Crimp Terminal 35421, AVS (CAVS) 0.30-0.50짼; (.012-.050), Use With 35382 Hybrid Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35421-6102 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  35421-6102 Datasheet HTML 1Page - Molex Electronics Ltd. 35421-6102 Datasheet HTML 2Page - Molex Electronics Ltd. 35421-6102 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 35421-6102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35421-6202 MOLEX5-35421-6202 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25짼; (.012-.050), Use With 35382 Hybrid Housing
35421-6302 MOLEX5-35421-6302 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f, Use With 35382 Hybrid Housing
35421-6802 MOLEX5-35421-6802 Datasheet
131Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25mm짼 (.020-.050")
35421-6902 MOLEX5-35421-6902 Datasheet
131Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f
More results

Similar Description - 35421-6102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354216202 MOLEX5-0354216202 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25짼; (.012-.050), Use With 35382 Hybrid Housing
0354216802 MOLEX5-0354216802 Datasheet
131Kb / 3P
   Tab Crimp Terminal 35421, AVS (CAVS) 0.50-1.25mm짼 (.020-.050")
0354216302 MOLEX5-0354216302 Datasheet
146Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f, Use With 35382 Hybrid Housing
0354209702 MOLEX5-0354209702 Datasheet
109Kb / 2P
   Tab Crimp Terminal 35420, AVS (CAVS) 0.30-0.50mm짼 (.012-.020")
0354209802 MOLEX5-0354209802 Datasheet
109Kb / 2P
   Tab Crimp Terminal 35420, AVS (CAVS) 0.50-1.25mm짼 (.020-.050")
0354216902 MOLEX5-0354216902 Datasheet
131Kb / 3P
   Tab Crimp Terminal 35421, AVSS 2f
0354279700 MOLEX5-0354279700 Datasheet
129Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Terminal, Female, One-Piece Type, Wire Range AVS (CAVS) 0.30 - 0.50mm square (.012-.020"), Unplated
0354279702 MOLEX5-0354279702 Datasheet
128Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Terminal, Female, One-Piece Type, Wire Range AVS (CAVS) 0.30 - 0.50mm sq. (.012-.020"), Pre-Tin Plated
0579196802 MOLEX7-0579196802 Datasheet
115Kb / 2P
   2.29mm (.090") Tab Width Male Terminal, for AVS (CAVS) 0.85-1.25 mm짼
0579649702 MOLEX7-0579649702 Datasheet
133Kb / 3P
   1.52mm (.060") OBD-;II Male Terminal for AVS(CAVS) 0.3-0.5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com