Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S560432E-TC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S560432E-TC
Description  256Mb E-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432E-TC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S560432E-TC Datasheet HTML 2Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 3Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 4Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 5Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 6Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 7Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 8Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 9Page - Samsung semiconductor K4S560432E-TC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SDRAM 256Mb E-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.5 May 2004
SDRAM 256Mb E-die (x4, x8, x16)
PIN CONFIGURATION (Top view)
VDD
N.C
VDDQ
N.C
DQ0
VSSQ
N.C
N.C
VDDQ
N.C
DQ1
VSSQ
N.C
VDD
N.C
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
N.C
VSSQ
N.C
DQ3
VDDQ
N.C
N.C
VSSQ
N.C
DQ2
VDDQ
N.C
VSS
N.C/RFU
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
54Pin TSOP
(400mil x 875mil)
(0.8 mm Pin pitch)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A12
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA12,
Column address : (x4 : CA0 ~ CA9,CA11), (x8 : CA0 ~ CA9), (x16 : CA0 ~ CA8)
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active.
DQ0 ~ N
Data input/output
Data inputs/outputs are multiplexed on the same pins.
(x4 : DQ0 ~ 3),
(x8 : DQ0 ~ 7),
(x16 : DQ0 ~ 15)
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data output power/ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
N.C/RFU
No connection
/reserved for future use
This pin is recommended to be left No Connection on the device.
VDD
DQ0
VDDQ
N.C
DQ1
VSSQ
N.C
DQ2
VDDQ
N.C
DQ3
VSSQ
N.C
VDD
N.C
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ7
VSSQ
N.C
DQ6
VDDQ
N.C
DQ5
VSSQ
N.C
DQ4
VDDQ
N.C
VSS
N.C/RFU
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
N.C/RFU
UDQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
x16
x8
x4
x16
x8
x4


Similar Part No. - K4S560432E-TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4S560432E-NC75 SAMSUNG-K4S560432E-NC75 Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4S560432E-NL75 SAMSUNG-K4S560432E-NL75 Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC75 SAMSUNG-K4S560432E-UC75 Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - K4S560432E-TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560438E-GC SAMSUNG-K4H560438E-GC Datasheet
244Kb / 24P
   256Mb E-die DDR SDRAM Specification 60Ball FBGA (x4/x8)
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com