Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4E661612C-T60 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4E661612C-T60
Description  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E661612C-T60 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4E661612C-T60 Datasheet HTML 5Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 6Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 7Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 8Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 9Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 10Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 11Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 12Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CMOS DRAM
K4E661612C,K4E641612C
tCWL is specified from W falling edge to the earlier CAS rising edge.
tCSR is referenced to earlier CAS falling before RAS transition low.
tCHR is referenced to the later CAS rising high after RAS transition low.
tDS is specified for the earlier CAS falling edge and tDH is specified by the later CAS falling edge in early write cycle.
If RAS goes high before CAS high going, the open circuit condition of the output is achieved by CAS high going.
tASC
≥6ns, Assume tT=2.0ns, if tASC≤6ns, then tHPC(min) and tCAS(min) must be increased by the value of "6ns-tASC".
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only-Refresh and Burst CAS-before-RAS refresh mode, 4096 cycles(4K/8K) of burst refresh must be executed within
64ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval, CBR refresh should be executed with in 15.6us immediately before and
after self refresh in order to meet refresh specification.
tCSR
tCHR
RAS
LCAS
UCAS
tDS
tDH
LCAS
UCAS
DQ0 ~ DQ15
Din
22.
21.
20.
19.
18.
17.
16.
23.
24.


Similar Part No. - K4E661612C-T60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-L SAMSUNG-K4E661612B-L Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-TC SAMSUNG-K4E661612B-TC Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612D SAMSUNG-K4E661612D Datasheet
397Kb / 36P
   CMOS DRAM
More results

Similar Description - K4E661612C-T60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com