Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4E661612C-T60 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4E661612C-T60
Description  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E661612C-T60 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4E661612C-T60 Datasheet HTML 1Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 2Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 3Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 4Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 5Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 6Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 7Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 8Page - Samsung semiconductor K4E661612C-T60 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CMOS DRAM
K4E661612C,K4E641612C
*Note :
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle time,
tHPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @
tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @
tRC=min.)
ICC4* : Extended Data Out Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @
tHPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @
tRC=min)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=CAS-before-RAS cycling or 0.2V
W, OE=VIH, Address=Don
′t care, DQ=Open, TRC=31.25us
ICCS : Self Refresh Current
RAS=UCAS=LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
K4E661612C
K4E641612C
ICC1
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC2
Normal
L
Don
′t care
1
1
1
1
mA
mA
ICC3
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC4
Don
′t care
-45
-50
-60
100
90
80
100
90
80
mA
mA
mA
ICC5
Normal
L
Don
′t care
0.5
200
0.5
200
mA
uA
ICC6
Don
′t care
-45
-50
-60
130
120
110
130
120
110
mA
mA
mA
ICC7
L
Don
′t care
350
350
uA
ICCS
L
Don
′t care
350
350
uA


Similar Part No. - K4E661612C-T60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-L SAMSUNG-K4E661612B-L Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-TC SAMSUNG-K4E661612B-TC Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612D SAMSUNG-K4E661612D Datasheet
397Kb / 36P
   CMOS DRAM
More results

Similar Description - K4E661612C-T60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com