Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357600700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357600700
Description  Button Contact , 18-20 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357600700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357600700 Datasheet HTML 1Page - Molex Electronics Ltd. 0357600700 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357600700
Status:
Active
Description:
Button Contact , 18-20 AWG
Documents:
Drawing (PDF)
Product Specification PS-35760-001 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
35760
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
N/A
Physical
Barrel Type
Open
Insulation
None
Material - Metal
Brass
Packaging Type
Reel
Temperature Range - Operating
-30°C to +105°C
Wire Insulation Diameter
3.5mm (.138")
Wire Size AWG
18, 20, 22
Electrical
Voltage - Maximum
200V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-35760-001
Sales Drawing
SD-35760-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35760Series
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357600700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357602710 MOLEX5-0357602710 Datasheet
260Kb / 2P
   JOINT-H/D
0357607100 MOLEX5-0357607100 Datasheet
162Kb / 3P
   Wire Splice, 16-20 AWG, Un-Plated
0357607110 MOLEX5-0357607110 Datasheet
119Kb / 2P
   Wire Splice, 16-20 AWG, Post-Tin Plating
0357607200 MOLEX5-0357607200 Datasheet
162Kb / 3P
   Wire Splice, 12-16 AWG, Un-Plated
0357607210 MOLEX5-0357607210 Datasheet
119Kb / 2P
   Wire Splice, 12-16 AWG, Post-Tin Plating
More results

Similar Description - 0357600700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
   Crimp Terminal 35747, 1818, 2020 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
   Crimp Terminal 35748, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
   Crimp Terminal 35745, 1818, 2020 AWG
0357460310 MOLEX5-0357460310 Datasheet
94Kb / 2P
   Crimp Terminal 35746, 1818, 2020 AWG
logo
Tyco Electronics
61280-1 MACOM-61280-1 Datasheet
30Kb / 1P
   BUTTON CONTACT
logo
HARTING Technology Grou...
09-33-000-6262 HARTING-09-33-000-6262 Datasheet
443Kb / 2P
   Han E Female Contact 20 Awg
logo
AVX Corporation
709176001501006 AVX-709176001501006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
logo
Molex Electronics Ltd.
0639044000 MOLEX-0639044000 Datasheet
32Kb / 1P
   FineAdjust Applicator for VersaBlade .070 Male and Female Terminals, 2020AWG, 2018 AWG and 1818 AWG
08/26/2022
logo
Tyco Electronics
66504-8 MACOM-66504-8 Datasheet
157Kb / 1P
   SOCKET CONTACT, SIZE 20 DF, 20-24 AWG, AMPLIMTE
logo
HARTING Technology Grou...
09-33-800-6205 HARTING-09-33-800-6205 Datasheet
455Kb / 2P
   Han E High Temp female contact 18 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com