Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41672-B10A208 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # A-41672-B10A208
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 10 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41672-B10A208 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  A-41672-B10A208 Datasheet HTML 1Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 2Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 3Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 4Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 5Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 6Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 7Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 8Page - Molex Electronics Ltd. A-41672-B10A208 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2938
AB4
DATE:
6/15/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK BREAKAWAY
RIGHT ANGLE
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41672 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Header No:
41186-A-AN
Header No:
Header No:
41186-A-AN
Header No:
41186-A-AN
Pin No:
2161-37(102)
Pin No:
Pin No:
2161-37(503)
Pin No:
2161-64(102)
Pin Length
L
1.100 / 27.90
Pin Length
L
Pin Length
L
1.100 / 27.90
Pin Length
L
1.175 / 29.85
Mating
M
.523 / 13.28
Mating
M
Mating
M
.450 / 11.43
Mating
M
.523 / 13.28
Gold:
NA
Gold:
Gold:
OVERALL
Gold:
NA
Bend Height: Y
.213 / 5.41
Bend Height: Y
Bend Height: Y
.213 / 5.41
Bend Height: Y
.217 / 5.51
PC Tail
P
.136 / 3.45
PC Tail
P
PC Tail
P
.212 / 5.38
PC Tail
P
.207 / 5.26
Tin:
OVERALL
Tin:
Tin:
NA
Tin:
OVERALL
Pack Per
PK-41672-001
Pack Per
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
026582021
A-41672-A02C102
41672-0088
A-41672-A02A503
026486024
A-41672-A02B102
3
41672-0050
A-41672-A03C102
41672-0089
A-41672-A03A503
026486034
A-41672-A03B102
4
026582041
A-41672-A04C102
41672-0090
A-41672-A04A503
026486044
A-41672-A04B102
5
41672-0051
A-41672-A05C102
41672-0091
A-41672-A05A503
026486054
A-41672-A05B102
6
41672-0052
A-41672-A06C102
41672-0092
A-41672-A06A503
026486064
A-41672-A06B102
7
41672-0053
A-41672-A07C102
41672-0093
A-41672-A07A503
026486074
A-41672-A07B102
8
026582081
A-41672-A08C102
41672-0094
A-41672-A08A503
026486084
A-41672-A08B102
9
41672-0054
A-41672-A09C102
41672-0095
A-41672-A09A503
026486094
A-41672-A09B102
10
41672-0055
A-41672-A10C102
026586101
A-41672-A10A503
026486104
A-41672-A10B102
11
41672-0056
A-41672-A11C102
41672-0096
A-41672-A11A503
026486114
A-41672-A11B102
12
41672-0057
A-41672-A12C102
026586121
A-41672-A12A503
026486124
A-41672-A12B102
13
41672-0058
A-41672-A13C102
41672-0097
A-41672-A13A503
026486134
A-41672-A13B102
14
41672-0059
A-41672-A14C102
41672-0098
A-41672-A14A503
026486144
A-41672-A14B102
15
41672-0060
A-41672-A15C102
41672-0099
A-41672-A15A503
026486154
A-41672-A15B102
16
41672-0061
A-41672-A16C102
41672-0100
A-41672-A16A503
026486164
A-41672-A16B102
17
41672-0062
A-41672-A17C102
41672-0101
A-41672-A17A503
026486174
A-41672-A17B102
18
41672-0063
A-41672-A18C102
41672-0102
A-41672-A18A503
026486184
A-41672-A18B102
19
41672-0064
A-41672-A19C102
41672-0103
A-41672-A19A503
026486194
A-41672-A19B102
20
41672-0065
A-41672-A20C102
41672-0104
A-41672-A20A503
026486204
A-41672-A20B102
21
41672-0066
A-41672-A21C102
41672-0105
A-41672-A21A503
026486214
A-41672-A21B102
22
41672-0067
A-41672-A22C102
026586221
A-41672-A22A503
026486224
A-41672-A22B102
23
41672-0068
A-41672-A23C102
41672-0106
A-41672-A23A503
026486234
A-41672-A23B102
24
026582241
A-41672-A24C102
41672-0107
A-41672-A24A503
026486244
A-41672-A24B102


Similar Part No. - A-41672-B10A208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41672-B10A208 MOLEX11-A-41672-B10A208 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com