Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357980392 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357980392
Description  6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, Red, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357980392 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357980392 Datasheet HTML 1Page - Molex Electronics Ltd. 0357980392 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357980392
Status:
Active
Description:
6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, Red, 3
Circuits
Documents:
3D Model
Product Specification PS-35798-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
35798
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.236 In
Pitch - Mating Interface (mm)
6.00 mm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35798-001
Sales Drawing
SD-35798-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35798Series
Mates With
35799 Wire-to-Board Housing
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357980392

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357980390 MOLEX5-0357980390 Datasheet
116Kb / 2P
   6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, White, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com