Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395314002 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0395314002
Description  5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 2 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395314002 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0395314002 Datasheet HTML 1Page - Molex Electronics Ltd. 0395314002 Datasheet HTML 2Page - Molex Electronics Ltd. 0395314002 Datasheet HTML 3Page - Molex Electronics Ltd. 0395314002 Datasheet HTML 4Page - Molex Electronics Ltd. 0395314002 Datasheet HTML 5Page - Molex Electronics Ltd. 0395314002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.08mm, Euro Header, Vertical, High Temp
2
395314002
395314302
395314402
395314502
395314802
395314902
395319002
395319302
395319402
395319502
395319802
395319902
12.16
0.479
5.08
0.200
5.08mm, Euro Header, Vertical, High Temp
3
395314003
395314303
395314403
395314503
395314803
395314903
395319003
395319303
395319403
395319503
395319803
395319903
17.24
0.679
10.16
0.400
5.08mm, Euro Header, Vertical, High Temp
4
395314004
395314304
395314404
395314504
395314804
395314904
395319004
395319304
395319404
395319504
395319804
395319904
22.32
0.879
15.24
0.600
5.08mm, Euro Header, Vertical, High Temp
5
395314005
395314305
395314405
395314505
395314805
395314905
395319005
395319305
395319405
395319505
395319805
395319905
27.40
1.079
20.32
0.800
5.08mm, Euro Header, Vertical, High Temp
6
395314006
395314306
395314406
395314506
395314806
395314906
395319006
395319306
395319406
395319506
395319806
395319906
32.48
1.279
25.40
1.000
5.08mm, Euro Header, Vertical, High Temp
7
395314007
395314307
395314407
395314507
395314807
395314907
395319007
395319307
395319407
395319507
395319807
395319907
37.56
1.479
30.48
1.200
5.08mm, Euro Header, Vertical, High Temp
8
395314008
395314308
395314408
395314508
395314808
395314908
395319008
395319308
395319408
395319508
395319808
395319908
42.64
1.679
35.56
1.400
5.08mm, Euro Header, Vertical, High Temp
9
395314009
395314309
395314409
395314509
395314809
395314909
395319009
395319309
395319409
395319509
395319809
395319909
47.72
1.879
40.64
1.600
5.08mm, Euro Header, Vertical, High Temp
10
395314010
395314310
395314410
395314510
395314810
395314910
395319010
395319310
395319410
395319510
395319810
395319910
52.80
2.079
45.72
1.800
5.08mm, Euro Header, Vertical, High Temp
11
395314011
395314311
395314411
395314511
395314811
395314911
395319011
395319311
395319411
395319511
395319811
395319911
57.88
2.279
50.80
2.000
5.08mm, Euro Header, Vertical, High Temp
12
395314012
395314312
395314412
395314512
395314812
395314912
395319012
395319312
395319412
395319512
395319812
395319912
62.96
2.479
55.88
2.200
5.08mm, Euro Header, Vertical, High Temp
13
395314013
395314313
395314413
395314513
395314813
395314913
395319013
395319313
395319413
395319513
395319813
395319913
68.04
2.679
60.96
2.400
5.08mm, Euro Header, Vertical, High Temp
14
395314014
395314314
395314414
395314514
395314814
395314914
395319014
395319314
395319414
395319514
395319814
395319914
73.12
2.879
66.04
2.600
5.08mm, Euro Header, Vertical, High Temp
15
395314015
395314315
395314415
395314515
395314815
395314915
395319015
395319315
395319415
395319515
395319815
395319915
78.20
3.079
71.12
2.800
5.08mm, Euro Header, Vertical, High Temp
16
395314016
395314316
395314416
395314516
395314816
395314916
395319016
395319316
395319416
395319516
395319816
395319916
83.28
3.279
76.20
3.000
5.08mm, Euro Header, Vertical, High Temp
17
395314017
395314317
395314417
395314517
395314817
395314917
395319017
395319317
395319417
395319517
395319817
395319917
88.36
3.479
81.28
3.200
5.08mm, Euro Header, Vertical, High Temp
18
395314018
395314318
395314418
395314518
395314818
395314918
395319018
395319318
395319418
395319518
395319818
395319918
93.44
3.679
86.36
3.400
5.08mm, Euro Header, Vertical, High Temp
19
395314019
395314319
395314419
395314519
395314819
395314919
395319019
395319319
395319419
395319519
395319819
395319919
98.52
3.879
91.44
3.600
5.08mm, Euro Header, Vertical, High Temp
20
395314020
395314320
395314420
395314520
395314820
395314920
395319020
395319320
395319420
395319520
395319820
395319920
103.60
4.079
96.52
3.800
5.08mm, Euro Header, Vertical, High Temp
21
395314021
395314321
395314421
395314521
395314821
395314921
395319021
395319321
395319421
395319521
395319821
395319921
108.68
4.279 101.60 4.000
5.08mm, Euro Header, Vertical, High Temp
22
395314022
395314322
395314422
395314522
395314822
395314922
395319022
395319322
395319422
395319522
395319822
395319922
113.76
4.479 106.68 4.200
5.08mm, Euro Header, Vertical, High Temp
23
395314023
395314323
395314423
395314523
395314823
395314923
395319023
395319323
395319423
395319523
395319823
395319923
118.84
4.679 111.76 4.400
5.08mm, Euro Header, Vertical, High Temp
24
395314024
395314324
395314424
395314524
395314824
395314924
395319024
395319324
395319424
395319524
395319824
395319924
123.92
4.879 116.84 4.600


Similar Part No. - 0395314002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395314003 MOLEX5-0395314003 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 3 Circuits
0395314004 MOLEX5-0395314004 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 4 Circuits
0395314005 MOLEX5-0395314005 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 5 Circuits
0395314006 MOLEX5-0395314006 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 6 Circuits
0395314007 MOLEX5-0395314007 Datasheet
180Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 7 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com