Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432M Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4S280432M
Description  128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432M Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S280432M Datasheet HTML 1Page - Samsung semiconductor K4S280432M Datasheet HTML 2Page - Samsung semiconductor K4S280432M Datasheet HTML 3Page - Samsung semiconductor K4S280432M Datasheet HTML 4Page - Samsung semiconductor K4S280432M Datasheet HTML 5Page - Samsung semiconductor K4S280432M Datasheet HTML 6Page - Samsung semiconductor K4S280432M Datasheet HTML 7Page - Samsung semiconductor K4S280432M Datasheet HTML 8Page - Samsung semiconductor K4S280432M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
K4S280432M
CMOS SDRAM
Rev. 0.0 Aug. 1999
The K4S280432M is 134,217,728 bits synchronous high data
rate Dynamic RAM organized as 4 x 8,388,608 words by 4 bits,
fabricated with SAMSUNG
′s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable burst
length and programmable latencies allow the same device to be
useful for a variety of high bandwidth, high performance mem-
ory system applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4 & 8 page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K Cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
8M x 4Bit x 4 Banks Synchronous DRAM
ORDERING INFORMATION
Part No.
Max Freq.
Inter-
Package
K4S280432M-TC/L80
125MHz(CL=3)
LVTTL
54pin
TSOP(II)
K4S280432M-TC/L1H
100MHz(CL=2)
K4S280432M-TC/L1L
100MHz(CL=3)
K4S280432M-TC/L10
66MHz(CL=2 &3)
Bank Select
Data Input Register
8M x 4
8M x 4
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
8M x 4
8M x 4
Timing Register
* Samsung Electronics reserves the right to change products or specification without notice.


Similar Part No. - K4S280432M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L10 SAMSUNG-K4S280432A-TC/L10 Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L1H SAMSUNG-K4S280432A-TC/L1H Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L1L SAMSUNG-K4S280432A-TC/L1L Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L75 SAMSUNG-K4S280432A-TC/L75 Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S280432M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432D SAMSUNG-K4S280432D Datasheet
113Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030B SAMSUNG-KM44S32030B Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432C SAMSUNG-K4S280432C Datasheet
112Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com