Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A432236007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A432236007
Description  Modular Jack, Right Angle, Low Profile, 6/6, 4 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A432236007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A432236007 Datasheet HTML 1Page - Molex Electronics Ltd. A432236007 Datasheet HTML 2Page - Molex Electronics Ltd. A432236007 Datasheet HTML 3Page - Molex Electronics Ltd. A432236007 Datasheet HTML 4Page - Molex Electronics Ltd. A432236007 Datasheet HTML 5Page - Molex Electronics Ltd. A432236007 Datasheet HTML 6Page - Molex Electronics Ltd. A432236007 Datasheet HTML 7Page - Molex Electronics Ltd. A432236007 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432236007
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, 6/6, 4 Ports
Documents:
3D Model
Product Specification PS-43223-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43223
Comments
Flush Mount|Flangeless|External Shield
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3, 4
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
4
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43223Series
Mates With
FCC 68 Plugs


Similar Part No. - A432236007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A432236001 MOLEX5-A432236001 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 2 Ports
A432236004 MOLEX5-A432236004 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 3 Ports, Panel Stops
More results

Similar Description - A432236007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432236034 MOLEX5-0432236034 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 6 Ports
0432236134 MOLEX5-0432236134 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 6 Ports
0432236107 MOLEX5-0432236107 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 4 Ports
0432236113 MOLEX5-0432236113 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 6 Ports
0432236013 MOLEX5-0432236013 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 6 Ports
0442480095 MOLEX6-0442480095 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480103 MOLEX6-0442480103 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480095 MOLEX1-0442480095_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0432236128 MOLEX5-0432236128 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 4 Ports
0432236028 MOLEX5-0432236028 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 4 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com