Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432B Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4S280432B
Description  128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432B Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4S280432B Datasheet HTML 2Page - Samsung semiconductor K4S280432B Datasheet HTML 3Page - Samsung semiconductor K4S280432B Datasheet HTML 4Page - Samsung semiconductor K4S280432B Datasheet HTML 5Page - Samsung semiconductor K4S280432B Datasheet HTML 6Page - Samsung semiconductor K4S280432B Datasheet HTML 7Page - Samsung semiconductor K4S280432B Datasheet HTML 8Page - Samsung semiconductor K4S280432B Datasheet HTML 9Page - Samsung semiconductor K4S280432B Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
K4S280432B
CMOS SDRAM
Rev. 0.0 Aug. 1999
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t care, H=Logic high, L=Logic low)
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0,1
A10/AP
A11,
A9 ~ A0
Note
Register
Mode register set
H
X
L
L
L
L
X
OP code
1,2
Refresh
Auto refresh
H
H
L
L
L
H
X
X
3
Self
refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank active & row addr.
H
X
L
L
H
H
X
V
Row address
Read &
column address
Auto precharge disable
H
X
L
H
L
H
X
V
L
Column
address
(A0~A9, A11)
4
Auto precharge enable
H
4,5
Write &
column address
Auto precharge disable
H
X
L
H
L
L
X
V
L
Column
address
(A0~A9, A11)
4
Auto precharge enable
H
4,5
Burst stop
H
X
L
H
H
L
X
X
6
Precharge
Bank selection
H
X
L
L
H
L
X
V
L
X
All banks
X
H
Clock suspend or
active power down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge power down mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
V
X
7
No operation command
H
X
H
X
X
X
X
X
L
H
H
H
1. OP Code : Operand code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected.
If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
Notes :
X


Similar Part No. - K4S280432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L10 SAMSUNG-K4S280432A-TC/L10 Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L1H SAMSUNG-K4S280432A-TC/L1H Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L1L SAMSUNG-K4S280432A-TC/L1L Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A-TC/L75 SAMSUNG-K4S280432A-TC/L75 Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S280432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432D SAMSUNG-K4S280432D Datasheet
113Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030B SAMSUNG-KM44S32030B Datasheet
135Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432C SAMSUNG-K4S280432C Datasheet
112Kb / 11P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com