Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3131N26BC5-TR Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R3131N26BC5-TR
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N26BC5-TR Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R3131N26BC5-TR Datasheet HTML 2Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 3Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 4Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 5Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 6Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 7Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 8Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 9Page - RICOH electronics devices division R3131N26BC5-TR Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
5
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground Pin
2OUT
Output Pin
R3130N: Output “L” at detection mode, Output “H” at release mode
R3131N: Output “H” at detection mode, Output “L” at release mode
3VDD
Input Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage
6.5
V
CMOS VSS-0.3 to VDD+0.3
V
VOUT
Output Voltage
Nch
VSS-0.3 to 6.5
V
IOUT
Output Current
20
mA
PD
Power Dissipation
150
mW
Topt
Operating Temperature Range
-40 to +85
°C
Tstg
Storage Temperature Range
-55 to +125
°C
Tsolder
Soldering Temperature
260°C, 10s
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are threshold limit values that must not be exceeded even for a moment under any con-
ditions.
Moreover, such values for any items must not be reached simultaneously. Operation above these absolute maximum
ratings may cause degradation or permanent damage to the device. These are just stress ratings and do not neces-
sarily imply to guarantee operation below these limits.


Similar Part No. - R3131N26BC5-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N26BC5-TR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com