Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0399000507 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0399000507
Description  3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0399000507 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0399000507 Datasheet HTML 1Page - Molex Electronics Ltd. 0399000507 Datasheet HTML 2Page - Molex Electronics Ltd. 0399000507 Datasheet HTML 3Page - Molex Electronics Ltd. 0399000507 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399000507
Status:
Active
Description:
3.81mm (.150") Pitch Beau™ Eurostyle™ Vertical PCB Header, 7 Circuits
Replacement Part
Number:
39511-1007
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39900
Application
Wire-to-Board
Comments
Gold plating and green housing available
Component Type
PCB Header
Product Name
Eurostyle™Pluggable
Replacement Part Number
39511-1007
Type
Euro Block
Physical
Circuits (Loaded)
7
Color - Resin
Black
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Retention
N/A
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.150 In
Pitch - Mating Interface (mm)
3.81 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
1.18
Plating min: Termination (µin)
30
Plating min: Termination (µm)
1.18
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
12A
Voltage - Maximum
300V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39900Series
Mates With
39900-0307 Vertical Plug, Front Wire Entry,
39900-0207 Vertical Plug, Rear Wire Entry,
39905-0107 Horizontal Plug


Similar Part No. - 0399000507

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0399000502 MOLEX5-0399000502 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 2 Circuits
0399000503 MOLEX5-0399000503 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 3 Circuits
0399000504 MOLEX5-0399000504 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 4 Circuits
0399000505 MOLEX5-0399000505 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 5 Circuits
0399000506 MOLEX5-0399000506 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com