Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4R271669B-NCK7 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4R271669B-NCK7
Description  256K x 16/18 bit x 32s banks Direct RDRAMTM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4R271669B-NCK7 Datasheet(HTML) 1 Page - Samsung semiconductor

  K4R271669B-NCK7 Datasheet HTML 1Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 2Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 3Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 4Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 5Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 6Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 7Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 8Page - Samsung semiconductor K4R271669B-NCK7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Direct RDRAM
Page -1
K4R271669B/K4R441869B
Version 1.11 Oct. 2000
October 2000
Version 1.11
Direct RDRAMTM
256K x 16/18 bit x 32s banks
128/144Mbit RDRAM(B-die)


Similar Part No. - K4R271669B-NCK7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCG6 SAMSUNG-K4R271669A-NMCG6 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK7 SAMSUNG-K4R271669A-NMCK7 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK8 SAMSUNG-K4R271669A-NMCK8 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669D SAMSUNG-K4R271669D Datasheet
310Kb / 20P
   128Mbit RDRAM(D-die)
More results

Similar Description - K4R271669B-NCK7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
logo
Elite Semiconductor Mem...
M12L64164A2Y ESMT-M12L64164A2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Elite Semiconductor Mem...
M12L64164A2M ESMT-M12L64164A2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com