Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4R271669B-NCK8 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4R271669B-NCK8
Description  256K x 16/18 bit x 32s banks Direct RDRAMTM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4R271669B-NCK8 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4R271669B-NCK8 Datasheet HTML 1Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 2Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 3Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 4Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 5Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 6Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 7Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 8Page - Samsung semiconductor K4R271669B-NCK8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Direct RDRAM
Page 2
K4R271669B/K4R441869B
Version 1.11 Oct. 2000
Pinouts and Definitions
Center-Bonded Devices
These tables shows the pin assignments of the center-bonded
RDRAM package. The top table is for the normal package,
and bottom table is for the mirrored package. The mechan-
ical dimensions of this package are shown in a later section.
Refer to Section "Center-Bonded uBGA Package" on page
18.
Table 1-1: a. Center-Bonded Device (top view for normal package)
12
GND
VDD
VDD
GND
11
10
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
9
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
8
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
7
6
5
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
4
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
3
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
Table 1-2: a. Center-Bonded Device (top view for mirrored package)
12
GND
VDD
VDD
GND
11
10
DQA8*
DQA3
DQA0
CTMN
CTM
RQ4
RQ0
DQB3
DQB8*
9
VCMOS
GND
VDD
GND
GND
VDD
GND
GND
VCMOS
8
SCK
DQA6
DQA1
VREF
RQ7
RQ1
DQB2
DQB6
SIO0
7
6
5
CMD
DQA5
DQA2
VDDa
RQ6
RQ2
DQB1
DQB5
SIO1
4
GND
VDD
GND
GNDa
VDD
GND
VDD
VDD
GND
3
DQA7
DQA4
CFM
CFMN
RQ5
RQ3
DQB0
DQB4
DQB7
2
1
GND
VDD
VDD
GND
A
B
C
D
E
F
G
H
J
For normal package, pin #1(ROW 1, COL A) is
located at the A1 position on the top side and the A1
position is marked by the marker “
“.
For mirrored package, pin #1(ROW 1, COL A) is
located at the A1 postion on the top side and the A1
position is marked by the alphabet “M“.
Chip
Top View
* DQA8/DQB8 are just used for 144Mb RDRAM.
These two pins are NC(No Connection) in 128Mb
RDRAM.
b.
Top marking example of normal package
b. Top marking example of mirrored package
COL
ROW
COL
ROW
K4Rxxxx69B-Nxxx
SAMSUNG
050
M
K4Rxxxx69B-Mxxx
SAMSUNG
050


Similar Part No. - K4R271669B-NCK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCG6 SAMSUNG-K4R271669A-NMCG6 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK7 SAMSUNG-K4R271669A-NMCK7 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A-NMCK8 SAMSUNG-K4R271669A-NMCK8 Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669D SAMSUNG-K4R271669D Datasheet
310Kb / 20P
   128Mbit RDRAM(D-die)
More results

Similar Description - K4R271669B-NCK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
logo
Elite Semiconductor Mem...
M12L64164A2Y ESMT-M12L64164A2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Elite Semiconductor Mem...
M12L64164A2M ESMT-M12L64164A2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com