Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395100006 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395100006
Description  3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395100006 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395100006 Datasheet HTML 1Page - Molex Electronics Ltd. 395100006 Datasheet HTML 2Page - Molex Electronics Ltd. 395100006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Circuit size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
2
395100002
395100102
395100202
395100502
395100602
395100702
395105002
395105102
395105202
395105502
395105602
395105702
8.4
0.33
3.8
0.15
3
395100003
395100103
395100203
395100503
395100603
395100703
395105003
395105103
395105203
395105503
395105603
395105703
12.2
0.48
7.6
0.30
4
395100004
395100104
395100204
395100504
395100604
395100704
395105004
395105104
395105204
395105504
395105604
395105704
16.0
0.63
11.4
0.45
5
395100005
395100105
395100205
395100505
395100605
395100705
395105005
395105105
395105205
395105505
395105605
395105705
19.8
0.78
15.2
0.60
6
395100006
395100106
395100206
395100506
395100606
395100706
395105006
395105106
395105206
395105506
395105606
395105706
23.7
0.93
19.1
0.75
7
395100007
395100107
395100207
395100507
395100607
395100707
395105007
395105107
395105207
395105507
395105607
395105707
27.5
1.08
22.9
0.90
8
395100008
395100108
395100208
395100508
395100608
395100708
395105008
395105108
395105208
395105508
395105608
395105708
31.3
1.23
26.7
1.05
9
395100009
395100109
395100209
395100509
395100609
395100709
395105009
395105109
395105209
395105509
395105609
395105709
35.1
1.38
30.5
1.20
10
395100010
395100110
395100210
395100510
395100610
395100710
395105010
395105110
395105210
395105510
395105610
395105710
38.9
1.53
34.3
1.35
11
395100011
395100111
395100211
395100511
395100611
395100711
395105011
395105111
395105211
395105511
395105611
395105711
42.7
1.68
38.1
1.50
12
395100012
395100112
395100212
395100512
395100612
395100712
395105012
395105112
395105212
395105512
395105612
395105712
46.5
1.83
41.9
1.65
13
395100013
395100113
395100213
395100513
395100613
395100713
395105013
395105113
395105213
395105513
395105613
395105713
50.3
1.98
45.7
1.80
14
395100014
395100114
395100214
395100514
395100614
395100714
395105014
395105114
395105214
395105514
395105614
395105714
54.1
2.13
49.5
1.95
15
395100015
395100115
395100215
395100515
395100615
395100715
395105015
395105115
395105215
395105515
395105615
395105715
57.9
2.28
53.3
2.10
16
395100016
395100116
395100216
395100516
395100616
395100716
395105016
395105116
395105216
395105516
395105616
395105716
61.8
2.43
57.2
2.25
17
395100017
395100117
395100217
395100517
395100617
395100717
395105017
395105117
395105217
395105517
395105617
395105717
65.6
2.58
61.0
2.40
18
395100018
395100118
395100218
395100518
395100618
395100718
395105018
395105118
395105218
395105518
395105618
395105718
69.4
2.73
64.8
2.55
19
395100019
395100119
395100219
395100519
395100619
395100719
395105019
395105119
395105219
395105519
395105619
395105719
73.2
2.88
68.6
2.70
20
395100020
395100120
395100220
395100520
395100620
395100720
395105020
395105120
395105220
395105520
395105620
395105720
77.0
3.03
72.4
2.85


Similar Part No. - 395100006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395100003 MOLEX5-395100003 Datasheet
186Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 3 Circuits
395100004 MOLEX5-395100004 Datasheet
186Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 4 Circuits
395100005 MOLEX5-395100005 Datasheet
186Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 5 Circuits
395100008 MOLEX5-395100008 Datasheet
186Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com