Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F640412D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4F640412D
Description  16M x 4bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F640412D Datasheet(HTML) 2 Page - Samsung semiconductor

  K4F640412D Datasheet HTML 1Page - Samsung semiconductor K4F640412D Datasheet HTML 2Page - Samsung semiconductor K4F640412D Datasheet HTML 3Page - Samsung semiconductor K4F640412D Datasheet HTML 4Page - Samsung semiconductor K4F640412D Datasheet HTML 5Page - Samsung semiconductor K4F640412D Datasheet HTML 6Page - Samsung semiconductor K4F640412D Datasheet HTML 7Page - Samsung semiconductor K4F640412D Datasheet HTML 8Page - Samsung semiconductor K4F640412D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CMOS DRAM
K4F660412D,K4F640412D
VCC
DQ0
DQ1
N.C
N.C
N.C
N.C
W
RAS
A0
A1
A2
A3
A4
A5
VCC
VSS
DQ3
DQ2
N.C
N.C
N.C
CAS
OE
A12(N.C)*
A11
A10
A9
A8
A7
A6
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PIN CONFIGURATION (Top Views)
* (N.C) : N.C for 4K Refresh product
Pin Name
Pin Function
A0 - A12
Address Inputs(8K Product)
A0 - A11
Address Inputs(4K Product)
DQ0 - 3
Data In/Out
VSS
Ground
RAS
Row Address Strobe
CAS
Column Address Strobe
W
Read/Write Input
OE
Data Output Enable
VCC
Power(+3.3V)
N.C
No Connection
VCC
DQ0
DQ1
N.C
N.C
N.C
N.C
W
RAS
A0
A1
A2
A3
A4
A5
VCC
VSS
DQ3
DQ2
N.C
N.C
N.C
CAS
OE
A12(N.C)*
A11
A10
A9
A8
A7
A6
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
(T : 400mil TSOP(II))
(J : 400mil SOJ)
• K4F660412D-J
• K4F640412D-J
• K4F660412D-T
• K4F640412D-T


Similar Part No. - K4F640412D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F640811B SAMSUNG-K4F640811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F640811B SAMSUNG-K4F640811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F640812D SAMSUNG-K4F640812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F640412D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com