Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F640412D Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4F640412D
Description  16M x 4bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F640412D Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4F640412D Datasheet HTML 3Page - Samsung semiconductor K4F640412D Datasheet HTML 4Page - Samsung semiconductor K4F640412D Datasheet HTML 5Page - Samsung semiconductor K4F640412D Datasheet HTML 6Page - Samsung semiconductor K4F640412D Datasheet HTML 7Page - Samsung semiconductor K4F640412D Datasheet HTML 8Page - Samsung semiconductor K4F640412D Datasheet HTML 9Page - Samsung semiconductor K4F640412D Datasheet HTML 10Page - Samsung semiconductor K4F640412D Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CMOS DRAM
K4F660412D,K4F640412D
TEST MODE CYCLE
Parameter
Symbol
-45
-50
-60
Units
Note
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
85
95
115
ns
Read-modify-write cycle time
tRWC
120
138
160
ns
Access time from RAS
tRAC
50
55
65
ns
3,4,10,12
Access time from CAS
tCAC
17
18
20
ns
3,4,5,12
Access time from column address
tAA
28
30
35
ns
3,10,12
RAS pulse width
tRAS
50
10K
55
10K
65
10K
ns
CAS pulse width
tCAS
17
10K
18
10K
20
10K
ns
RAS hold time
tRSH
17
18
20
ns
CAS hold time
tCSH
50
55
65
ns
Column Address to RAS lead time
tRAL
28
30
35
ns
CAS to W delay time
tCWD
37
41
43
ns
7
RAS to W delay time
tRWD
72
78
88
ns
7
Column Address to W delay time
tAWD
48
53
58
ns
7
Fast Page mode cycle time
tPC
36
40
45
ns
Fast Page mode read-modify-write cycle time
tPRWC
75
81
90
ns
RAS pulse width (Fast Page cycle)
tRASP
50
200K
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
31
35
40
ns
3
OE access time
tOEA
17
18
20
ns
3
OE to data delay
tOED
17
18
18
ns
OE command hold time
tOEH
17
18
20
ns
( Note 11 )


Similar Part No. - K4F640412D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F640811B SAMSUNG-K4F640811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F640811B SAMSUNG-K4F640811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F640812D SAMSUNG-K4F640812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F640412D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com