Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35725-4310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35725-4310
Description  Quick Disconnect, Female, for 20-22 AWG (0.52-0.33mm짼), Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35725-4310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35725-4310 Datasheet HTML 1Page - Molex Electronics Ltd. 35725-4310 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357254310
Status:
Active
Description:
Quick Disconnect, Female, for 20-22 AWG (0.52-0.33mm²), Metal Strip, Tab 6.35 by
0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35703-001 (PDF)
General
Product Family
Quick Disconnects
Series
35725
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
Yes
Material - Metal
Brass
Orientation
Straight
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-25°C to +85°C
Wire Insulation Diameter
1.50-2.00mm (.059-.079") max.
Wire Size AWG
20, 22
Wire Size mm²
0.33 - 0.52
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Reference - Drawing Numbers
Product Specification
PS-35703-001
Sales Drawing
SD-35725-43*0
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35725Series
Use With
6.35mm (.250") Tab
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35725-4310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35725-4110 MOLEX5-35725-4110 Datasheet
83Kb / 2P
   6.35mm (.250") Tab Slip-On Wire-to-Board Terminal, Female, 18x2, 20x2 AWG, Post- Tin Plated
35725-4210 MOLEX5-35725-4210 Datasheet
82Kb / 2P
   6.35mm (.250") Tab Slip-On Wire-to-Board Terminal, Female, 18-20 AWG, Post-Tin Plated
35725-4510 MOLEX5-35725-4510 Datasheet
85Kb / 2P
   6.35mm (.250") Tab Wire-To-Board Terminal, Female, 22-18 AWG, Pre-Tin Plated
35725-4610 MOLEX5-35725-4610 Datasheet
85Kb / 2P
   6.35mm (.250") Tab Safe Locking Wire-To-Board Terminal, Female, 18-14 AWG, Pre- Tin Plated
35725-4710 MOLEX5-35725-4710 Datasheet
85Kb / 2P
   6.35mm (.250") Tab Safe Locking Wire-To-Board Terminal, Female, 14-10 AWG, Pre- Tin Plated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com