Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35725-2710 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35725-2710
Description  Quick Disconnect, Female, for 10-14 AWG (5.26-2.08mm짼), Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35725-2710 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35725-2710 Datasheet HTML 1Page - Molex Electronics Ltd. 35725-2710 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357252710
Status:
Active
Description:
Quick Disconnect, Female, for 10-14 AWG (5.26-2.08mm²), Metal Strip, Tab 6.35 by
0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35703-001 (PDF)
Agency Certification
UL
E92853
General
Product Family
Quick Disconnects
Series
35725
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
Yes
Material - Metal
Brass
Orientation
Straight
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-40°C to +85°C
Wire Insulation Diameter
3.80-5.30mm (.150-.209")
Wire Size AWG
10, 12, 14
Wire Size mm²
2.08 - 5.26
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Reference - Drawing Numbers
Product Specification
PS-35703-001
Sales Drawing
SD-35725-27*0
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35725Series
Use With
6.35mm (.250") Tab
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35725-2710

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35725-2010 MOLEX5-35725-2010 Datasheet
145Kb / 2P
   6.35mm (.250") Tab Slip-On Wire-to-Wire Terminal, Male, 18x2 AWG, Post-Tin Plated
35725-2410 MOLEX5-35725-2410 Datasheet
133Kb / 2P
   Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼;) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
35725-2411 MOLEX5-35725-2411 Datasheet
136Kb / 2P
   Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032")
35725-2610 MOLEX5-35725-2610 Datasheet
127Kb / 2P
   Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Open Barrel Flag, Tin Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com