Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357252710 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0357252710
Description  Quick Disconnect, Female, for 10-14 AWG (5.26-2.08mm짼), Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357252710 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0357252710 Datasheet HTML 1Page - Molex Electronics Ltd. 0357252710 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0357252710

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357252010 MOLEX5-0357252010 Datasheet
145Kb / 2P
   6.35mm (.250") Tab Slip-On Wire-to-Wire Terminal, Male, 18x2 AWG, Post-Tin Plated
0357252410 MOLEX5-0357252410 Datasheet
133Kb / 2P
   Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼;) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Slip-On Type With Slot, Post Tin Plating
0357252411 MOLEX5-0357252411 Datasheet
136Kb / 2P
   Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032")
0357252610 MOLEX5-0357252610 Datasheet
127Kb / 2P
   Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm짼) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Open Barrel Flag, Tin Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com