Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D263238E-GC40 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4D263238E-GC40
Description  1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D263238E-GC40 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4D263238E-GC40 Datasheet HTML 1Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 2Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 3Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 4Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 5Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 6Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 7Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 8Page - Samsung semiconductor K4D263238E-GC40 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
128M GDDR SDRAM
K4D263238E-GC
- 3 -
Rev 1.7 (Nov. 2003)
The K4D263238E is 134,217,728 bits of hyper synchronous data rate Dynamic RAM organized as 4 x1,048,576 words by
32 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous features with Data Strobe allow
extremely high performance up to 3.2GB/s/chip. I/O transactions are possible on both edges of the clock cycle. Range of
operating frequencies, programmable burst length and programmable latencies allow the device to be useful for a variety
of high performance memory system applications.
• VDD/VDDQ = 2.8V ± 5% for -GC25
• VDD/VDDQ = 2.5V ± 5% for -GC2A/33/36/40/45
• SSTL_2 compatible inputs/outputs
• 4 banks operation
• MRS cycle with address key programs
-. Read latency 3, 4, 5 (clock)
-. Burst length (2, 4, 8 and Full page)
-. Burst type (sequential & interleave)
• Full page burst length for sequential burst type only
• Start address of the full page burst should be even
• All inputs except data & DM are sampled at the positive
going edge of the system clock
• Differential clock input
GENERAL DESCRIPTION
FEATURES
• No Wrtie-Interrupted by Read Function
• 4 DQS’s ( 1DQS / Byte )
• Data I/O transactions on both edges of Data strobe
• DLL aligns DQ and DQS transitions with Clock transition
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• DM for write masking only
• Auto & Self refresh
• 32ms refresh period (4K cycle)
• 144-Ball FBGA
• Maximum clock frequency up to 400MHz
• Maximum data rate up to 800Mbps/pin
FOR 1M x 32Bit x 4 Bank DDR SDRAM
1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM
with Bi-directional Data Strobe and DLL
ORDERING INFORMATION
K4D263238E-VC is the Lead Free package part number.
Part NO.
Max Freq.
Max Data Rate
Interface
Package
K4D263238E-GC25
400MHz
800Mbps/pin
SSTL_2
(VDD/VDDQ=2.8V)
144-Ball FBGA
K4D263238E-GC2A
350MHz
700Mbps/pin
SSTL_2
(VDD/VDDQ=2.5V)
K4D263238E-GC33
300MHz
600Mbps/pin
K4D263238E-GC36
275MHz
550Mbps/pin
K4D263238E-GC40
250MHz
500Mbps/pin
K4D263238E-GC45
222MHz
444Mbps/pin


Similar Part No. - K4D263238E-GC40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC33 SAMSUNG-K4D263238A-GC33 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC36 SAMSUNG-K4D263238A-GC36 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC40 SAMSUNG-K4D263238A-GC40 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC45 SAMSUNG-K4D263238A-GC45 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
More results

Similar Description - K4D263238E-GC40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D26323RA SAMSUNG-K4D26323RA Datasheet
303Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
logo
NanoAmp Solutions, Inc.
NT5DS4M32EG NANOAMP-NT5DS4M32EG Datasheet
1Mb / 46P
   1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
logo
Samsung semiconductor
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V22GF HYNIX-HY5V22GF Datasheet
358Kb / 11P
   4 Banks x 1M x 32Bit Synchronous DRAM
logo
Samsung semiconductor
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com