Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41662-0036 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 41662-0036
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 24 Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41662-0036 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 41662-0036 Datasheet HTML 5Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 6Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 7Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 8Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 9Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 10Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 11Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 12Page - Molex Electronics Ltd. 41662-0036 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0149
AH7
DATE:
8/11/2009
TITLE:
KK .156 HEADER ASSEMBLY
FLAT BREAKAWAY, 2-24 CKTS.
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41662 -001
MKIPPER
SSOUSEK
FSMITH
0TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-41662-AND102-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-62(102)
PLATING
102
PIN LENGTH: L
24.89 / .980
MATING LENGTH: X
14.86 / .585
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
3.10 / .122
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0115
-A02D102
41662-0131
-A19D102
41662-0116
-A03D102
41662-0132
-A20D102
41662-0117
-A04D102
41662-0133
-A21D102
41662-0118
-A05D102
41662-0134
-A22D102
26-48-9065
-A06D102
41662-0135
-A23D102
41662-0119
-A07D102
26-48-9245
-A24D102
41662-0120
-A08D102
41662-0121
-A09D102
41662-0122
-A10D102
41662-0123
-A11D102
41662-0124
-A12D102
41662-0125
-A13D102
41662-0126
-A14D102
41662-0127
-A15D102
41662-0128
-A16D102
41662-0129
-A17D102
41662-0130
-A18D102
A-41662-ANK102-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-1(102)
PLATING
102
PIN LENGTH: L
19.05 / .750
MATING LENGTH: X
7.75 / .305
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.37 / .172
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0136
-A02K102
41662-0153
-A19K102
41662-0137
-A03K102
26-48-4200
-A20K102
41662-0138
-A04K102
41662-0154
-A21K102
41662-0139
-A05K102
41662-0155
-A22K102
41662-0140
-A06K102
41662-0156
-A23K102
41662-0141
-A07K102
41662-0157
-A24K102
41662-0142
-A08K102
41662-0143
-A09K102
41662-0144
-A10K102
41662-0145
-A11K102
41662-0146
-A12K102
41662-0147
-A13K102
41662-0148
-A14K102
41662-0149
-A15K102
41662-0150
-A16K102
41662-0151
-A17K102
41662-0152
-A18K102


Similar Part No. - 41662-0036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41662-0036 MOLEX11-41662-0036 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 14 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com