Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5VS11CC Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RN5VS11CC
Description  LOW VOLTAGE DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VS11CC Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RN5VS11CC Datasheet HTML 2Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 3Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 4Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 5Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 6Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 7Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 8Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 9Page - RICOH electronics devices division RN5VS11CC Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
RN5VS
BLOCK DIAGRAMS
Nch Open Drain Output (RN5VS
××A)
CMOS Output (RN5VS
××C)
TIME CHART
DEFINITION OF OUTPUT DELAY TIME tplh
2
3
Vref
OUT
GND
VDD
+
1
VDD
2
1
3
Vref
OUT
GND
+
Detector Threshold Hysteresis
tPLH
Released Voltage
+VDET
Detected Voltage
–VDET
Supply Voltage
(VDD)
Output Voltage
(OUT)
Minimum Operating Voltage
GND
GND
tPLH
tPHL
Input Voltage
(VDD)
Output Voltage
Nch Open Drain Output
GND
GND
2.5V
5.0V
0.7V
+VDET + 2.0V
tPLH
tPHL
CMOS Output
GND
GND
0.7V
+VDET + 2.0V
+VDET +2.0V
+VDET + 2.0V
2
Input Voltage
(VDD)
Output Voltage


Similar Part No. - RN5VS11CC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VS11CC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com