Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41772-0478 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-41772-0478
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 17 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41772-0478 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button A-41772-0478 Datasheet HTML 2Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 3Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 4Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 5Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 6Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 7Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 8Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 9Page - Molex Electronics Ltd. A-41772-0478 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0155/0171
Group
Group
Group
A-41772-0206/0222
Header No:
41770-0002/0018
Header No:
Header No:
Header No:
41770-0002/0018
Pin No:
2161-16(102)
Pin No:
Pin No:
Pin No:
2161-19(102)
Plating:
102-TIN
Plating:
Plating:
Plating:
102-TIN
Pin Length L
25.40/ 1.000
Pin Length L
Pin Length L
Pin Length L
26.13/ 1.032
Mating
M
14.86/ .585
Mating
M
Mating
M
Mating
M
14.86/ .585
Gold Loc G
N/A
Gold Loc G
Gold Loc G
Gold Loc G
N/A
Height
Y
4.95/ .195
Height
Y
Height
Y
Height
Y
4.95/ .195
PC Tail
P
3.56/ .140
PC Tail
P
PC Tail
P
PC Tail
P
4.37/ .172
Tin Loc
T
OVERALL
Tin Loc
T
Tin Loc
T
Tin Loc
T
OVERALL
Voided Ckts
CKT 2
Voided Ckts
Voided Ckts
Voided Ckts
NONE
Pack Per
PK-41772-002
Pack Per
Pack Per
Pack Per
PK-41772-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-62-3024
A-41772-0155
A-41772-0206
3
26-62-3034
A-41772-0156
A-41772-0207
4
26-62-3044
A-41772-0157
A-41772-0208
5
26-62-3054
A-41772-0158
A-41772-0209
6
26-62-3064
A-41772-0159
A-41772-0210
7
26-62-3074
A-41772-0160
A-41772-0211
8
26-62-3084
A-41772-0161
26-60-3082
A-41772-0212
9
26-62-3094
A-41772-0162
A-41772-0213
10
26-62-3104
A-41772-0163
A-41772-0214
11
26-62-3114
A-41772-0164
A-41772-0215
12
26-62-3124
A-41772-0165
26-60-3122
A-41772-0216
13
26-62-3134
A-41772-0166
A-41772-0217
14
26-62-3144
A-41772-0167
26-60-3142
A-41772-0218
15
26-62-3154
A-41772-0168
A-41772-0219
16
26-62-3164
A-41772-0169
A-41772-0220
17
26-62-3174
A-41772-0170
A-41772-0221
18
26-62-3184
A-41772-0171
A-41772-0222


Similar Part No. - A-41772-0478

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41772-0473 MOLEX5-A-41772-0473 Datasheet
255Kb / 10P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, without Peg, 12 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com