Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0365820002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0365820002
Description  2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Press-Fit Type, 0.8關m (30關") Selective Gold (Au), 160 circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0365820002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0365820002 Datasheet HTML 1Page - Molex Electronics Ltd. 0365820002 Datasheet HTML 2Page - Molex Electronics Ltd. 0365820002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
49
Shielded
No
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-36582-001
Product Specification
PS-36582-001
Sales Drawing
SD-36582-001
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0365820002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365840002 MOLEX5-0365840002 Datasheet
169Kb / 3P
   2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8關m (30關") Selective Gold (Au), 160 circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com