Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39526-0007 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 39526-0007
Description  5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

39526-0007 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  39526-0007 Datasheet HTML 1Page - Molex Electronics Ltd. 39526-0007 Datasheet HTML 2Page - Molex Electronics Ltd. 39526-0007 Datasheet HTML 3Page - Molex Electronics Ltd. 39526-0007 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
5.0mm, Euro Header, Right Angle, Mounting Ends
2
395260002
395260102
395260202
395260502
395260602
395260702
395265002
395265102
395265202
395265502
395265602
395265702
20.00
0.787
5.00
0.197
15.00
0.591
5.0mm, Euro Header, Right Angle, Mounting Ends
3
395260003
395260103
395260203
395260503
395260603
395260703
395265003
395265103
395265203
395265503
395265603
395265703
25.00
0.984
10.00
0.394
20.00
0.787
5.0mm, Euro Header, Right Angle, Mounting Ends
4
395260004
395260104
395260204
395260504
395260604
395260704
395265004
395265104
395265204
395265504
395265604
395265704
30.00
1.181
15.00
0.591
25.00
0.984
5.0mm, Euro Header, Right Angle, Mounting Ends
5
395260005
395260105
395260205
395260505
395260605
395260705
395265005
395265105
395265205
395265505
395265605
395265705
35.00
1.378
20.00
0.787
30.00
1.181
5.0mm, Euro Header, Right Angle, Mounting Ends
6
395260006
395260106
395260206
395260506
395260606
395260706
395265006
395265106
395265206
395265506
395265606
395265706
40.00
1.575
25.00
0.984
35.00
1.378
5.0mm, Euro Header, Right Angle, Mounting Ends
7
395260007
395260107
395260207
395260507
395260607
395260707
395265007
395265107
395265207
395265507
395265607
395265707
45.00
1.772
30.00
1.181
40.00
1.575
5.0mm, Euro Header, Right Angle, Mounting Ends
8
395260008
395260108
395260208
395260508
395260608
395260708
395265008
395265108
395265208
395265508
395265608
395265708
50.00
1.969
35.00
1.378
45.00
1.772
5.0mm, Euro Header, Right Angle, Mounting Ends
9
395260009
395260109
395260209
395260509
395260609
395260709
395265009
395265109
395265209
395265509
395265609
395265709
55.00
2.165
40.00
1.575
50.00
1.969
5.0mm, Euro Header, Right Angle, Mounting Ends
10
395260010
395260110
395260210
395260510
395260610
395260710
395265010
395265110
395265210
395265510
395265610
395265710
60.00
2.362
45.00
1.772
55.00
2.165
5.0mm, Euro Header, Right Angle, Mounting Ends
11
395260011
395260111
395260211
395260511
395260611
395260711
395265011
395265111
395265211
395265511
395265611
395265711
65.00
2.559
50.00
1.969
60.00
2.362
5.0mm, Euro Header, Right Angle, Mounting Ends
12
395260012
395260112
395260212
395260512
395260612
395260712
395265012
395265112
395265212
395265512
395265612
395265712
70.00
2.756
55.00
2.165
65.00
2.559
5.0mm, Euro Header, Right Angle, Mounting Ends
13
395260013
395260113
395260213
395260513
395260613
395260713
395265013
395265113
395265213
395265513
395265613
395265713
75.00
2.953
60.00
2.362
70.00
2.756
5.0mm, Euro Header, Right Angle, Mounting Ends
14
395260014
395260114
395260214
395260514
395260614
395260714
395265014
395265114
395265214
395265514
395265614
395265714
80.00
3.150
65.00
2.559
75.00
2.953
5.0mm, Euro Header, Right Angle, Mounting Ends
15
395260015
395260115
395260215
395260515
395260615
395260715
395265015
395265115
395265215
395265515
395265615
395265715
85.00
3.346
70.00
2.756
80.00
3.150
5.0mm, Euro Header, Right Angle, Mounting Ends
16
395260016
395260116
395260216
395260516
395260616
395260716
395265016
395265116
395265216
395265516
395265616
395265716
90.00
3.543
75.00
2.953
85.00
3.346
5.0mm, Euro Header, Right Angle, Mounting Ends
17
395260017
395260117
395260217
395260517
395260617
395260717
395265017
395265117
395265217
395265517
395265617
395265717
95.00
3.740
80.00
3.150
90.00
3.543
5.0mm, Euro Header, Right Angle, Mounting Ends
18
395260018
395260118
395260218
395260518
395260618
395260718
395265018
395265118
395265218
395265518
395265618
395265718
100.00
3.937
85.00
3.346
95.00
3.740
5.0mm, Euro Header, Right Angle, Mounting Ends
19
395260019
395260119
395260219
395260519
395260619
395260719
395265019
395265119
395265219
395265519
395265619
395265719
105.00
4.134
90.00
3.543
100.00
3.937
5.0mm, Euro Header, Right Angle, Mounting Ends
20
395260020
395260120
395260220
395260520
395260620
395260720
395265020
395265120
395265220
395265520
395265620
395265720
110.00
4.331
95.00
3.740
105.00
4.134
5.0mm, Euro Header, Right Angle, Mounting Ends
21
395260021
395260121
395260221
395260521
395260621
395260721
395265021
395265121
395265221
395265521
395265621
395265721
115.00
4.528
100.00
3.937
110.00
4.331
5.0mm, Euro Header, Right Angle, Mounting Ends
22
395260022
395260122
395260222
395260522
395260622
395260722
395265022
395265122
395265222
395265522
395265622
395265722
120.00
4.724
105.00
4.134
115.00
4.528
5.0mm, Euro Header, Right Angle, Mounting Ends
23
395260023
395260123
395260223
395260523
395260623
395260723
395265023
395265123
395265223
395265523
395265623
395265723
125.00
4.921
110.00
4.331
120.00
4.724
5.0mm, Euro Header, Right Angle, Mounting Ends
24
395260024
395260124
395260224
395260524
395260624
395260724
395265024
395265124
395265224
395265524
395265624
395265724
130.00
5.118
115.00
4.528
125.00
4.921


Similar Part No. - 39526-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39526-0007 MOLEX11-39526-0007 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com