Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0436440005 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0436440005
Description  4.20mm (.165") Pitch Mini-Fit Jr.??BMI Header, Dual Row, Right Angle, 10 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0436440005 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0436440005 Datasheet HTML 1Page - Molex Electronics Ltd. 0436440005 Datasheet HTML 2Page - Molex Electronics Ltd. 0436440005 Datasheet HTML 3Page - Molex Electronics Ltd. 0436440005 Datasheet HTML 4Page - Molex Electronics Ltd. 0436440005 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-42404-002
Product Specification
PS-5556-002
Sales Drawing
SD-43644-002
Test Summary
TS-5556-002
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0436440005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0436440002 MOLEX5-0436440002 Datasheet
215Kb / 5P
   4.20mm (.165") Pitch Mini-Fit Jr.??BMI Header, Dual Row, Right Angle, 4 Circuits
0436440003 MOLEX5-0436440003 Datasheet
215Kb / 5P
   4.20mm (.165") Pitch Mini-Fit Jr.??BMI Header, Dual Row, Right Angle, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, with Tin (Sn) Plating
0436440007 MOLEX5-0436440007 Datasheet
215Kb / 5P
   4.20mm (.165") Pitch Mini-Fit Jr.??BMI Header, Dual Row, Right Angle, 14 Circuits
0436440009 MOLEX5-0436440009 Datasheet
215Kb / 5P
   4.20mm (.165") Pitch Mini-Fit Jr.??BMI Header, Dual Row, Right Angle, 18 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com