Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395133008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395133008
Description  3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395133008 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395133008 Datasheet HTML 1Page - Molex Electronics Ltd. 395133008 Datasheet HTML 2Page - Molex Electronics Ltd. 395133008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
G reen
100% Tin
30 u" Gold
100% Tin
30 u" Gold
D im ensional Information
Printing Options
P rinting Options
P rinting Options
Printing Options
Dim . A
Dim B
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
m m
inch
2
395133002
395133302
395133402
395133502
395133802
395133902
395138002
395138302
395138402
395138502
395138802
395138902
8.41
0.331
3.81
0.150
3
395133003
395133303
395133403
395133503
395133803
395133903
395138003
395138303
395138403
395138503
395138803
395138903
12.22
0.481
7.62
0.300
4
395133004
395133304
395133404
395133504
395133804
395133904
395138004
395138304
395138404
395138504
395138804
395138904
16.03
0.631
11.43
0.450
5
395133005
395133305
395133405
395133505
395133805
395133905
395138005
395138305
395138405
395138505
395138805
395138905
19.84
0.781
15.24
0.600
6
395133006
395133306
395133406
395133506
395133806
395133906
395138006
395138306
395138406
395138506
395138806
395138906
23.65
0.931
19.05
0.750
7
395133007
395133307
395133407
395133507
395133807
395133907
395138007
395138307
395138407
395138507
395138807
395138907
27.46
1.081
22.86
0.900
8
395133008
395133308
395133408
395133508
395133808
395133908
395138008
395138308
395138408
395138508
395138808
395138908
31.27
1.231
26.67
1.050
9
395133009
395133309
395133409
395133509
395133809
395133909
395138009
395138309
395138409
395138509
395138809
395138909
35.08
1.381
30.48
1.200
10
395133010
395133310
395133410
395133510
395133810
395133910
395138010
395138310
395138410
395138510
395138810
395138910
38.89
1.531
34.29
1.350
11
395133011
395133311
395133411
395133511
395133811
395133911
395138011
395138311
395138411
395138511
395138811
395138911
42.70
1.681
38.10
1.500
12
395133012
395133312
395133412
395133512
395133812
395133912
395138012
395138312
395138412
395138512
395138812
395138912
46.51
1.831
41.91
1.650
13
395133013
395133313
395133413
395133513
395133813
395133913
395138013
395138313
395138413
395138513
395138813
395138913
50.32
1.981
45.72
1.800
14
395133014
395133314
395133414
395133514
395133814
395133914
395138014
395138314
395138414
395138514
395138814
395138914
54.13
2.131
49.53
1.950
15
395133015
395133315
395133415
395133515
395133815
395133915
395138015
395138315
395138415
395138515
395138815
395138915
57.94
2.281
53.34
2.100
16
395133016
395133316
395133416
395133516
395133816
395133916
395138016
395138316
395138416
395138516
395138816
395138916
61.75
2.431
57.15
2.250
17
395133017
395133317
395133417
395133517
395133817
395133917
395138017
395138317
395138417
395138517
395138817
395138917
65.56
2.581
60.96
2.400
18
395133018
395133318
395133418
395133518
395133818
395133918
395138018
395138318
395138418
395138518
395138818
395138918
69.37
2.731
64.77
2.550
19
395133019
395133319
395133419
395133519
395133819
395133919
395138019
395138319
395138419
395138519
395138819
395138919
73.18
2.881
68.58
2.700
20
395133020
395133320
395133420
395133520
395133820
395133920
395138020
395138320
395138420
395138520
395138820
395138920
76.99
3.031
72.39
2.850


Similar Part No. - 395133008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395133002 MOLEX5-395133002 Datasheet
130Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 2 Circuits
395133003 MOLEX5-395133003 Datasheet
130Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 3 Circuits
395133004 MOLEX5-395133004 Datasheet
130Kb / 3P
    3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 4 Circuits
395133005 MOLEX5-395133005 Datasheet
130Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 5 Circuits
395133006 MOLEX5-395133006 Datasheet
130Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com