Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RT45AA-TL Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RN5RT45AA-TL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT45AA-TL Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RN5RT45AA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 11Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 12Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 13Page - RICOH electronics devices division RN5RT45AA-TL Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RN5RT
9
Topt=25˚C
Supply Current
Line Regulation
Input
Output Voltage
Short
CE Input Voltage
CE Input Current
(Standby)
Voltage Temperature Coefficient Current Limit
“H”
“L”
“H”
“L”
Istandby (µA)
∆VOUT/∆VIN (%/V) VIN (V) ∆VOUT/∆T (ppm/˚C)
Ilim (mA)
VCEH (V) VCEL (V)
ICEH (µA)
ICEL (µA)
Conditions
TYP. MAX. Conditions TYP. MAX. MAX. Conditions TYP. Conditions TYP. MIN. MAX. Conditions TYP. MAX. Conditions MIN. TYP. MAX.
IOUT=
IOUT=
30mA
10mA
0.1
1.0
VOUT+
0.15
0.3
8
–40˚C ±100
VOUT
30
1.5
0.25
VCE=
0
0.1
VCE=
–4.0
–2.0
–0.1
0.5V
≤Topt
=0V
VIN
0V
≤VIN
≤85˚C
≤8V
VIN–VOUT
=1.0V


Similar Part No. - RN5RT45AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT45AA-TR-FE RICOH-RN5RT45AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
More results

Similar Description - RN5RT45AA-TL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com