Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395173010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395173010
Description  3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Front Wire Entry, 10 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395173010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395173010 Datasheet HTML 1Page - Molex Electronics Ltd. 395173010 Datasheet HTML 2Page - Molex Electronics Ltd. 395173010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
G reen
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Inform ation
Printing Options
P rinting Options
P rinting Options
Printing Options
Dim . A
Dim B
Dim C
Dim D
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
m m
inch
mm
inch
m m
inch
2
395173002
395173302
395173402
395173502
395173802
395173902
395178002
395178302
395178402
395178502
395178802
395178902
8.41
0.331
3.81
0.150
12.81
0.504
18.01
0.709
3
395173003
395173303
395173403
395173503
395173803
395173903
395178003
395178303
395178403
395178503
395178803
395178903
12.22
0.481
7.62
0.300
16.62
0.654
21.82
0.859
4
395173004
395173304
395173404
395173504
395173804
395173904
395178004
395178304
395178404
395178504
395178804
395178904
16.03
0.631
11.43
0.450
20.43
0.804
25.63
1.009
5
395173005
395173305
395173405
395173505
395173805
395173905
395178005
395178305
395178405
395178505
395178805
395178905
19.84
0.781
15.24
0.600
24.24
0.954
29.44
1.159
6
395173006
395173306
395173406
395173506
395173806
395173906
395178006
395178306
395178406
395178506
395178806
395178906
23.65
0.931
19.05
0.750
28.05
1.104
33.25
1.309
7
395173007
395173307
395173407
395173507
395173807
395173907
395178007
395178307
395178407
395178507
395178807
395178907
27.46
1.081
22.86
0.900
31.86
1.254
37.06
1.459
8
395173008
395173308
395173408
395173508
395173808
395173908
395178008
395178308
395178408
395178508
395178808
395178908
31.27
1.231
26.67
1.050
35.67
1.404
40.87
1.609
9
395173009
395173309
395173409
395173509
395173809
395173909
395178009
395178309
395178409
395178509
395178809
395178909
35.08
1.381
30.48
1.200
39.48
1.554
44.68
1.759
10
395173010
395173310
395173410
395173510
395173810
395173910
395178010
395178310
395178410
395178510
395178810
395178910
38.89
1.531
34.29
1.350
43.29
1.704
48.49
1.909
11
395173011
395173311
395173411
395173511
395173811
395173911
395178011
395178311
395178411
395178511
395178811
395178911
42.70
1.681
38.10
1.500
47.10
1.854
52.30
2.059
12
395173012
395173312
395173412
395173512
395173812
395173912
395178012
395178312
395178412
395178512
395178812
395178912
46.51
1.831
41.91
1.650
50.91
2.004
56.11
2.209
13
395173013
395173313
395173413
395173513
395173813
395173913
395178013
395178313
395178413
395178513
395178813
395178913
50.32
1.981
45.72
1.800
54.72
2.154
59.92
2.359
14
395173014
395173314
395173414
395173514
395173814
395173914
395178014
395178314
395178414
395178514
395178814
395178914
54.13
2.131
49.53
1.950
58.53
2.304
63.73
2.509
15
395173015
395173315
395173415
395173515
395173815
395173915
395178015
395178315
395178415
395178515
395178815
395178915
57.94
2.281
53.34
2.100
62.34
2.454
67.54
2.659
16
395173016
395173316
395173416
395173516
395173816
395173916
395178016
395178316
395178416
395178516
395178816
395178916
61.75
2.431
57.15
2.250
66.15
2.604
71.35
2.809
17
395173017
395173317
395173417
395173517
395173817
395173917
395178017
395178317
395178417
395178517
395178817
395178917
65.56
2.581
60.96
2.400
69.96
2.754
75.16
2.959
18
395173018
395173318
395173418
395173518
395173818
395173918
395178018
395178318
395178418
395178518
395178818
395178918
69.37
2.731
64.77
2.550
73.77
2.904
78.97
3.109
19
395173019
395173319
395173419
395173519
395173819
395173919
395178019
395178319
395178419
395178519
395178819
395178919
73.18
2.881
68.58
2.700
77.58
3.054
82.78
3.259
20
395173020
395173320
395173420
395173520
395173820
395173920
395178020
395178320
395178420
395178520
395178820
395178920
76.99
3.031
72.39
2.850
81.39
3.204
86.59
3.409


Similar Part No. - 395173010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395173012 MOLEX5-395173012 Datasheet
144Kb / 3P
   3.81mm (.150") Pitch Eurostyle??Vertical Plug, with Retention Screws, Front Wire Entry, 12 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com