Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0359770790 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0359770790
Description  3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0359770790 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0359770790 Datasheet HTML 1Page - Molex Electronics Ltd. 0359770790 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0359770790
Status:
Active
Overview:
mv396
Description:
3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits, White, Glow
Wire Compatible
Documents:
3D Model
Product Specification PS-35979-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35978-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
Crimp Housings
Series
35977
Overview
mv396
Product Name
MV-396™
Physical
Circuits (maximum)
7
Color - Resin
White
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Polarized to Mating Part
Yes
Stackable
Yes
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35977-001
Product Specification
PS-35978-001, PS-35979-001
Sales Drawing
SD-35977-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35977Series
Mates With
Wire-to-Board Header 35978 , 35979
Use With
Wire-to-Board Terminal 35922
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0359770790

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359770700 MOLEX5-0359770700 Datasheet
111Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits
0359770701 MOLEX5-0359770701 Datasheet
111Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits
0359770702 MOLEX5-0359770702 Datasheet
111Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com