Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5VL45C-T2 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RH5VL45C-T2
Description  VOLTAGE DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VL45C-T2 Datasheet(HTML) 4 Page - RICOH electronics devices division

  RH5VL45C-T2 Datasheet HTML 1Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 2Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 3Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 4Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 5Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 6Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 7Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 8Page - RICOH electronics devices division RH5VL45C-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
VOLTAGE DETECTOR
R
×5VL SERIES
1
OUTLINE
The R
×5VL Series are voltage detector ICs with high detector threshold accuracy and ultra-low supply
current by CMOS process. Each of these ICs consists of a voltage reference unit, a comparator, resistors for
voltage detection, an output driver and a hysteresis circuit.
The detector threshold is fixed with high accuracy.
Two output Types, Nch open drain type and CMOS type, are available.
Three types of packages, TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold), are available.
Ultra-low Supply Current................................TYP. 1.0µA (VDD=3.0V)
Broad Operating Voltage Range......................1.5V to 10.0V
Detector Threshold...........................................Stepwise setting with a step of 0.1V in the range of
2.0V to 6.0V is possible (refer to Selection Guide).
High Accuracy Detector Threshold .................±2.5%
Low Temperature-Drift Coefficient of Detector Threshold .....TYP.±100ppm/˚C
Two Output Types ............................................Nch Open Drain and CMOS
Three Types of Packages..................................TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
CPU & Logic Circuit Reset
Battery Checker
Window Comparator
Wave Shaping Circuit
Battery Back-Up Circuit
Power Failure Detector


Similar Part No. - RH5VL45C-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5VT09A RICOH-RH5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-RF RICOH-RH5VT09A-RF Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-RR RICOH-RH5VT09A-RR Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-T1 RICOH-RH5VT09A-T1 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RH5VT09A-T2 RICOH-RH5VT09A-T2 Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
More results

Similar Description - RH5VL45C-T2

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com