Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395333006 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395333006
Description  5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395333006 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395333006 Datasheet HTML 1Page - Molex Electronics Ltd. 395333006 Datasheet HTML 2Page - Molex Electronics Ltd. 395333006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.08mm, Euro Plug, Vertical, Rear Wire Entry
2
395333002
395333302
395333402
395333502
395333802
395333902
395338002
395338302
395338402
395338502
395338802
395338902
10.16
0.400
5.08
0.200
5.08mm, Euro Plug, Vertical, Rear Wire Entry
3
395333003
395333303
395333403
395333503
395333803
395333903
395338003
395338303
395338403
395338503
395338803
395338903
15.24
0.600
10.16
0.400
5.08mm, Euro Plug, Vertical, Rear Wire Entry
4
395333004
395333304
395333404
395333504
395333804
395333904
395338004
395338304
395338404
395338504
395338804
395338904
20.32
0.800
15.24
0.600
5.08mm, Euro Plug, Vertical, Rear Wire Entry
5
395333005
395333305
395333405
395333505
395333805
395333905
395338005
395338305
395338405
395338505
395338805
395338905
25.40
1.000
20.32
0.800
5.08mm, Euro Plug, Vertical, Rear Wire Entry
6
395333006
395333306
395333406
395333506
395333806
395333906
395338006
395338306
395338406
395338506
395338806
395338906
30.48
1.200
25.40
1.000
5.08mm, Euro Plug, Vertical, Rear Wire Entry
7
395333007
395333307
395333407
395333507
395333807
395333907
395338007
395338307
395338407
395338507
395338807
395338907
35.56
1.400
30.48
1.200
5.08mm, Euro Plug, Vertical, Rear Wire Entry
8
395333008
395333308
395333408
395333508
395333808
395333908
395338008
395338308
395338408
395338508
395338808
395338908
40.64
1.600
35.56
1.400
5.08mm, Euro Plug, Vertical, Rear Wire Entry
9
395333009
395333309
395333409
395333509
395333809
395333909
395338009
395338309
395338409
395338509
395338809
395338909
45.72
1.800
40.64
1.600
5.08mm, Euro Plug, Vertical, Rear Wire Entry
10
395333010
395333310
395333410
395333510
395333810
395333910
395338010
395338310
395338410
395338510
395338810
395338910
50.80
2.000
45.72
1.800
5.08mm, Euro Plug, Vertical, Rear Wire Entry
11
395333011
395333311
395333411
395333511
395333811
395333911
395338011
395338311
395338411
395338511
395338811
395338911
55.88
2.200
50.80
2.000
5.08mm, Euro Plug, Vertical, Rear Wire Entry
12
395333012
395333312
395333412
395333512
395333812
395333912
395338012
395338312
395338412
395338512
395338812
395338912
60.96
2.400
55.88
2.200
5.08mm, Euro Plug, Vertical, Rear Wire Entry
13
395333013
395333313
395333413
395333513
395333813
395333913
395338013
395338313
395338413
395338513
395338813
395338913
66.04
2.600
60.96
2.400
5.08mm, Euro Plug, Vertical, Rear Wire Entry
14
395333014
395333314
395333414
395333514
395333814
395333914
395338014
395338314
395338414
395338514
395338814
395338914
71.12
2.800
66.04
2.600
5.08mm, Euro Plug, Vertical, Rear Wire Entry
15
395333015
395333315
395333415
395333515
395333815
395333915
395338015
395338315
395338415
395338515
395338815
395338915
76.20
3.000
71.12
2.800
5.08mm, Euro Plug, Vertical, Rear Wire Entry
16
395333016
395333316
395333416
395333516
395333816
395333916
395338016
395338316
395338416
395338516
395338816
395338916
81.28
3.200
76.20
3.000
5.08mm, Euro Plug, Vertical, Rear Wire Entry
17
395333017
395333317
395333417
395333517
395333817
395333917
395338017
395338317
395338417
395338517
395338817
395338917
86.36
3.400
81.28
3.200
5.08mm, Euro Plug, Vertical, Rear Wire Entry
18
395333018
395333318
395333418
395333518
395333818
395333918
395338018
395338318
395338418
395338518
395338818
395338918
91.44
3.600
86.36
3.400
5.08mm, Euro Plug, Vertical, Rear Wire Entry
19
395333019
395333319
395333419
395333519
395333819
395333919
395338019
395338319
395338419
395338519
395338819
395338919
96.52
3.800
91.44
3.600
5.08mm, Euro Plug, Vertical, Rear Wire Entry
20
395333020
395333320
395333420
395333520
395333820
395333920
395338020
395338320
395338420
395338520
395338820
395338920
101.60
4.000
96.52
3.800
5.08mm, Euro Plug, Vertical, Rear Wire Entry
21
395333021
395333321
395333421
395333521
395333821
395333921
395338021
395338321
395338421
395338521
395338821
395338921
106.68
4.200 101.60 4.000
5.08mm, Euro Plug, Vertical, Rear Wire Entry
22
395333022
395333322
395333422
395333522
395333822
395333922
395338022
395338322
395338422
395338522
395338822
395338922
111.76
4.400 106.68 4.200
5.08mm, Euro Plug, Vertical, Rear Wire Entry
23
395333023
395333323
395333423
395333523
395333823
395333923
395338023
395338323
395338423
395338523
395338823
395338923
116.84
4.600 111.76 4.400
5.08mm, Euro Plug, Vertical, Rear Wire Entry
24
395333024
395333324
395333424
395333524
395333824
395333924
395338024
395338324
395338424
395338524
395338824
395338924
121.92
4.800 116.84 4.600


Similar Part No. - 395333006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395333002 MOLEX5-395333002 Datasheet
139Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 2 Circuits
395333003 MOLEX5-395333003 Datasheet
139Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 3 Circuits
395333004 MOLEX5-395333004 Datasheet
139Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 4 Circuits
395333005 MOLEX5-395333005 Datasheet
139Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 5 Circuits
395333007 MOLEX5-395333007 Datasheet
139Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com