Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9607M Datasheet(PDF) 5 Page - Sames

Part # SA9607M
Description  Single Phase Power/Energy Metering IC with Tamper Detection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9607M Datasheet(HTML) 5 Page - Sames

  SA9607M Datasheet HTML 1Page - Sames SA9607M Datasheet HTML 2Page - Sames SA9607M Datasheet HTML 3Page - Sames SA9607M Datasheet HTML 4Page - Sames SA9607M Datasheet HTML 5Page - Sames SA9607M Datasheet HTML 6Page - Sames SA9607M Datasheet HTML 7Page - Sames SA9607M Datasheet HTML 8Page - Sames SA9607M Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SA9607M
http://www.sames.co.za.
5/10
INPUT SIGNALS
VREF
The VREF pin is the reference for the bias resistor and is the
recommended point for calibration. With a bias resistor of
24k
Ω optimum conditions are set. It may be varied within
±10% for calibration purposes. Any changes to the bias
resistor will affect the output pulse rate quadratically (i.e.
(R
= +5%,
(f=10%).
Motor pulse rate select (MP1 and MP0)
The pulse rate of the motor driver ouput of the SA9607M is
selected by the inputs MP1 and MP0. Three pulse rate options
are available as shown in the following table:
Pulse rate selection
OUTPUT SIGNALS
Motor output (MOP, MON)
The MON pulse will follow the MOP pulse within 142ms. This
prevents that the motor armature is in the wrong position after
a power failure. Both MOP and MON outputs are active high.
The motor drive wave forms are shown below:
LED output (LED)
The LED output pulse at a fixed rate of 6400 pulses per kWh.
The LED output is active low. The LED waveform is shown
below:
Please note that the device will not perform metering functions
as described in this document while in test mode.
Rated condition select (RATED)
The rated condition select pin gives the option of having a
3:2:1 scaling ratio of the rated current easily available. This
feature is particularly useful in circumstances where a
manufacturer requires a meter for use in a system rated for
two different conditions, for example 230V/60A and 230V/
40A. With the rated condition select the SA9607M allows for
the development of different rated meters requiring minimal
changes. The following table below lists the options available
(assuming the rated condition to be 230V/60A).
Rated condition select (RATED)
Motor drive
output
selection
Unit
MP1
MP0
V
SS
V
SS
V
DD
V
DD
V
SS
V
DD
V
SS
V
DD
1
10
100
Device test
mode
pulses/kWh
pulses/kWh
pulses/kWh
Pulse Rate Selection
Input
Signal Input RATED
V
SS
OPEN
V
DD
Rated Conditions
230V / 20A
230V / 40A
230V / 60A
Figure 5: Motor drive waveform
t
m = 142ms
VD D
VD D
VSS
VSS
MON
MOP
t
m
t
m
t
m
D R -01 559
Figure 4: LED pulse output
t
LED = 10ms
VD D
VSS
LED
tLED
D R - 01332
Selected input indication (SEL1)
The SA9607M continuously compares the power consumptions
on current channel 1 inputs and current channel 2 inputs. The
larger of the two measurements are used for metering. The
SEL1 output pin indicates which channel is currently being
used for the pulse output.
Signal
Output
Description
0
1
Channel 1selected (IIN1/IIP1)
Channel 2selected (IIN2/IIP2)
SEL1
Value


Similar Part No. - SA9607M

ManufacturerPart #DatasheetDescription
logo
Sames
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
More results

Similar Description - SA9607M

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
   Single Phase Power/Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
   Programmable single phase energy metering IC with tamper detection
logo
Sames
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
   PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
   Programmable single-phase energy metering IC with tamper detection
February 2017
logo
Sames
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
   Programmable Single Phase Energy Metering IC with Tamper Detection
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
   Programmable single-phase energy metering IC with tamper detection
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
   Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
   Single-phase energy meter with tamper detection based on ST7FLITE2x
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com