Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9602JSA Datasheet(PDF) 3 Page - Sames

Part # SA9602JSA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602JSA Datasheet(HTML) 3 Page - Sames

  SA9602JSA Datasheet HTML 1Page - Sames SA9602JSA Datasheet HTML 2Page - Sames SA9602JSA Datasheet HTML 3Page - Sames SA9602JSA Datasheet HTML 4Page - Sames SA9602JSA Datasheet HTML 5Page - Sames SA9602JSA Datasheet HTML 6Page - Sames SA9602JSA Datasheet HTML 7Page - Sames SA9602JSA Datasheet HTML 8Page - Sames SA9602JSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA9602F/SA9602J
sames
3/14
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#, unless otherwise
specified.)
Parameter
Symbol Min
Typ
Max Unit Condition
Operating temperature
range #
T
O
-25
+85
°C
Supply Voltage: Positive
V
DD
2.25
2.75
V
Supply Voltage: Negative
V
SS
-2.75
-2.25
V
Supply Current: Positive
I
DD
56
mA
Supply Current: Negative
I
SS
56
mA
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA
Peak value
Voltage Sensor Input (Asymmetrical)
Input Current Range
I
IV
-25
+25
µA
Peak value
Pins FOUT, DIR
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA
Output High Voltage
V
OH
V
DD-1
V
I
OH = -2mA
Pulse Rate FOUT
f
P
0
64
Hz
Specified
linearity
0
180
Hz
Min and max limits
Pulse Width tp
t
PP
1.1
ms
Positive energy flow
t
pn
3.4
ms
Negative energy flow


Similar Part No. - SA9602JSA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9602JSA

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
   THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
   TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
   Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
   Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com