Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395300008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395300008
Description  5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395300008 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395300008 Datasheet HTML 1Page - Molex Electronics Ltd. 395300008 Datasheet HTML 2Page - Molex Electronics Ltd. 395300008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.08mm, Euro Plug, Right Angle
2
395300002
395300102
395300202
395300502
395300602
395300702
395305002
395305102
395305202
395305502
395305602
395305702
10.16
0.400
5.08
0.200
5.08mm, Euro Plug, Right Angle
3
395300003
395300103
395300203
395300503
395300603
395300703
395305003
395305103
395305203
395305503
395305603
395305703
15.24
0.600
10.16
0.400
5.08mm, Euro Plug, Right Angle
4
395300004
395300104
395300204
395300504
395300604
395300704
395305004
395305104
395305204
395305504
395305604
395305704
20.32
0.800
15.24
0.600
5.08mm, Euro Plug, Right Angle
5
395300005
395300105
395300205
395300505
395300605
395300705
395305005
395305105
395305205
395305505
395305605
395305705
25.40
1.000
20.32
0.800
5.08mm, Euro Plug, Right Angle
6
395300006
395300106
395300206
395300506
395300606
395300706
395305006
395305106
395305206
395305506
395305606
395305706
30.48
1.200
25.40
1.000
5.08mm, Euro Plug, Right Angle
7
395300007
395300107
395300207
395300507
395300607
395300707
395305007
395305107
395305207
395305507
395305607
395305707
35.56
1.400
30.48
1.200
5.08mm, Euro Plug, Right Angle
8
395300008
395300108
395300208
395300508
395300608
395300708
395305008
395305108
395305208
395305508
395305608
395305708
40.64
1.600
35.56
1.400
5.08mm, Euro Plug, Right Angle
9
395300009
395300109
395300209
395300509
395300609
395300709
395305009
395305109
395305209
395305509
395305609
395305709
45.72
1.800
40.64
1.600
5.08mm, Euro Plug, Right Angle
10
395300010
395300110
395300210
395300510
395300610
395300710
395305010
395305110
395305210
395305510
395305610
395305710
50.80
2.000
45.72
1.800
5.08mm, Euro Plug, Right Angle
11
395300011
395300111
395300211
395300511
395300611
395300711
395305011
395305111
395305211
395305511
395305611
395305711
55.88
2.200
50.80
2.000
5.08mm, Euro Plug, Right Angle
12
395300012
395300112
395300212
395300512
395300612
395300712
395305012
395305112
395305212
395305512
395305612
395305712
60.96
2.400
55.88
2.200
5.08mm, Euro Plug, Right Angle
13
395300013
395300113
395300213
395300513
395300613
395300713
395305013
395305113
395305213
395305513
395305613
395305713
66.04
2.600
60.96
2.400
5.08mm, Euro Plug, Right Angle
14
395300014
395300114
395300214
395300514
395300614
395300714
395305014
395305114
395305214
395305514
395305614
395305714
71.12
2.800
66.04
2.600
5.08mm, Euro Plug, Right Angle
15
395300015
395300115
395300215
395300515
395300615
395300715
395305015
395305115
395305215
395305515
395305615
395305715
76.20
3.000
71.12
2.800
5.08mm, Euro Plug, Right Angle
16
395300016
395300116
395300216
395300516
395300616
395300716
395305016
395305116
395305216
395305516
395305616
395305716
81.28
3.200
76.20
3.000
5.08mm, Euro Plug, Right Angle
17
395300017
395300117
395300217
395300517
395300617
395300717
395305017
395305117
395305217
395305517
395305617
395305717
86.36
3.400
81.28
3.200
5.08mm, Euro Plug, Right Angle
18
395300018
395300118
395300218
395300518
395300618
395300718
395305018
395305118
395305218
395305518
395305618
395305718
91.44
3.600
86.36
3.400
5.08mm, Euro Plug, Right Angle
19
395300019
395300119
395300219
395300519
395300619
395300719
395305019
395305119
395305219
395305519
395305619
395305719
96.52
3.800
91.44
3.600
5.08mm, Euro Plug, Right Angle
20
395300020
395300120
395300220
395300520
395300620
395300720
395305020
395305120
395305220
395305520
395305620
395305720
101.60
4.000
96.52
3.800
5.08mm, Euro Plug, Right Angle
21
395300021
395300121
395300221
395300521
395300621
395300721
395305021
395305121
395305221
395305521
395305621
395305721
106.68
4.200 101.60 4.000
5.08mm, Euro Plug, Right Angle
22
395300022
395300122
395300222
395300522
395300622
395300722
395305022
395305122
395305222
395305522
395305622
395305722
111.76
4.400 106.68 4.200
5.08mm, Euro Plug, Right Angle
23
395300023
395300123
395300223
395300523
395300623
395300723
395305023
395305123
395305223
395305523
395305623
395305723
116.84
4.600 111.76 4.400
5.08mm, Euro Plug, Right Angle
24
395300024
395300124
395300224
395300524
395300624
395300724
395305024
395305124
395305224
395305524
395305624
395305724
121.92
4.800 116.84 4.600


Similar Part No. - 395300008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395300002 MOLEX5-395300002 Datasheet
145Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 2 Circuits
395300003 MOLEX5-395300003 Datasheet
145Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 3 Circuits
395300004 MOLEX5-395300004 Datasheet
145Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 4 Circuits
395300005 MOLEX5-395300005 Datasheet
145Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 5 Circuits
395300006 MOLEX5-395300006 Datasheet
145Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com