Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9101 Datasheet(PDF) 5 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 5 Page - Sames

  SA9101 Datasheet HTML 1Page - Sames SA9101 Datasheet HTML 2Page - Sames SA9101 Datasheet HTML 3Page - Sames SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
SA9101
sames
5/40
PIN DESCRIPTION
Pin No.
DIL
PLCC
AINT/DFPY
O
3
5
Alarm interrupt/Double Frame Parity
ACKNLQ
I
32
36
DMA Acknowledge
A[3-0]
I
19-16
21-18
Address Bus
CEQ
I
22
26
Chip Enable
CHPAR/DFM
O
4
6
Receive Channel Parity/
Double Frame Marker
COS
I
23
27
Carrier out of Service
DRA
I
27
31
Receive Data in Plus
DRB
I
26
30
Receive Data in Minus
DRO
O
2
4
Receive Data Out
DXA
O
38
42
Transmit Data Out Plus
DXB
O
39
43
Transmit Data Out Minus
DXI
I
30
34
Transmit Data In
D[7-0]
B
14-7
16-9
Data Bus
OPIN
I
29
33
Receive Optical Interface Data
OPOUT
O
6
8
Transmit Optical Interface Data
RCAS/RREQ
O
35
39
Receive TS16 Signal/Receive DMA
Interrupt Request
RCLK
I
25
29
Receive Route Clock
RDQ
I
20
22
Read Enable
RESQ
I
31
35
Reset
RFSPQ
O
5
7
Receive Frame Synchronisation
Pulse
SCLK
I
24
28
System Clock
SYPQ
I
28
32
Synchronisation Pulse
TCAS/XREQ
O
36
40
Transmit TS16 Signal/Transmit DMA
Interrupt Request
V
DD
S
15
17
+5V Supply
V
SS
S
34
38
0V Ground
WRQ
I
21
25
Write Enable
XCHPAR
O
33
37
Transmit Channel Parity
XRCLK
O
37
41
Transmit Route Clock
XTOM
O
1
3
Test Data Output Minus
XTOP
O
40
44
Test Data Output Plus
Pin Name
Direction
Description


Similar Part No. - SA9101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
   Variable gain RF predriver amplifier
1997 Aug 12
logo
Sames
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9101

ManufacturerPart #DatasheetDescription
logo
Sames
SA2030 SAMES-SA2030 Datasheet
218Kb / 12P
   PCM FRAME ALIGNER
logo
Siemens Semiconductor G...
PEB2035 SIEMENS-PEB2035 Datasheet
521Kb / 134P
   ICs for Communications (Advanced CMOS Frame Aligner)
logo
Zarlink Semiconductor I...
MT8979 ZARLINK-MT8979 Datasheet
627Kb / 34P
   CEPT PCM 30/CRC-4 Frame & Interface
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
   SONET/SDH Payload Extractor/Aligner
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
   PCM
Rev: L
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
   SONET/SDH Payload Extractor/Aligner
logo
Ultralife Corporation.
UBP053450 ULTRALIFE-UBP053450 Datasheet
286Kb / 2P
   PCM
Rev: U
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
   PCM Transcoder
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com