Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8807A Datasheet(PDF) 3 Page - Sames

Part # SA8807A
Description  96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8807A Datasheet(HTML) 3 Page - Sames

  SA8807A Datasheet HTML 1Page - Sames SA8807A Datasheet HTML 2Page - Sames SA8807A Datasheet HTML 3Page - Sames SA8807A Datasheet HTML 4Page - Sames SA8807A Datasheet HTML 5Page - Sames SA8807A Datasheet HTML 6Page - Sames SA8807A Datasheet HTML 7Page - Sames SA8807A Datasheet HTML 8Page - Sames SA8807A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA8807A
sames
3/14
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-25
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C#, V
DD = 5V, VSS = 0V unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max Unit
Condition
Supply Voltage
V
DD-VSS
3.0
5.0
5.5
V
Supply Current
I
DD
100
µA
LCD ON Voltages
V
ON
V
DD & VSS
V
LCD OFF Voltages
V
OFF
1/3V
DD & 2/3 VDD
V
#
Extended Operating Temperature Range available on request.


Similar Part No. - SA8807A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8803 SAMES-SA8803 Datasheet
84Kb / 10P
   LIGHT EMITTING DIODE DRIVER
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806AFA SAMES-SA8806AFA Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806APA SAMES-SA8806APA Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
More results

Similar Description - SA8807A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
logo
National Semiconductor ...
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
Newhaven Display Intern...
NHD-0216K3Z-FSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-FSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0220D3Z-FL-GBW-V3 NEWHAVEN-NHD-0220D3Z-FL-GBW-V3 Datasheet
527Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216K3Z-NSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-NSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com