Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM9607AP Datasheet(PDF) 8 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 8 Page - Sames

Back Button PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames PM9607AP Datasheet HTML 10Page - Sames PM9607AP Datasheet HTML 11Page - Sames PM9607AP Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
sames
PM9607AP
For module calibration use Channel Sel. (below) to switch to
one of the two channel permanently. Calibrate the channel and
switch to the next channel. Calibrate the channel and set
Channel Sel to automatic for normal meter operation. This is
equal to the SA9607P’s Kc parameter, which is used for
channel balance.
The channel select parameter selects the source for energy
metering. (SA9607P’s CS parameter). The options are ‘0’ for
automatic, ‘1’ for channel 1 and ‘2’ for channel 2.
The modules earth leakage compensation value is set up with
this parameter. (SA9607P’s Ne parameter). The options are ‘0’
for a factor of 0.15, ‘1’ for a factor of 0.076 and ‘2’ for a factor of
0.032.
The memory map, as calculated from the settings in the
program, is listed by pressing “l”. It does not show the content
of the EEPROM.
Pressing “w” writes to the EEPROM. The EEPROM on the
PM9607AP module will be updated with settings specified by
the program.
Pressing “t” triggers a reload. The SA9607P is triggered and
reloads the parameters from the EEPROM. The SA9607P will
reload the parameters every 1132 seconds.
The contents of the EEPROM is displayed by pressing “r”.
The program is exited by pressing “q”.
Channel Sel.
Earth Leak
LIST MEMORY
WRITE TO EEPROM
DEVICE RELOAD TRIGGER
READ FROM EEPROM
QUIT THE PROGRAM
PCB DESIGN
The module represents a Class 1 meter and is designed to
demonstrate the functionality and performance of both the
SA9607M and the SA9607P single phase metering circuits.
The SA9607M requires external settings and gain adjustment.
The SA9607P allows for complete digital calibration without
any external adjustments. The board can be configured for
either of the two ICs by means of jumper settings.
The module is a demonstration unit as well as a reference point
for the meter manufacturer. All the digital pins of the device
have at least one test point. Jumpers isolate LED’s and
counters from the device
The groundplane, which is connected to neutral, protects the
device from external noise and is used to connect the power
supply bypass capacitors C1 and C2. On the current input
resistors and the CT termination resistor loops are introduced
to cancel out the signal induced by the transformers magnetic
field.
The 5V supply is de-coupled and routed directly to the power
pins of the IC. P2 is connected with a separate track to the VSS
pin of the SA9607.
GROUND PLANE
http://www.sames.co.za


Similar Part No. - PM9607AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9603APA SAMES-PM9603APA Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APE SAMES-PM9603APE Datasheet
138Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9603APE SAMES-PM9603APE Datasheet
142Kb / 18P
   SINGLE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM9607AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
   Energy Meter Evaluation Module
PM2007MPPE SAMES-PM2007MPPE Datasheet
374Kb / 16P
   Energy Meter Evaluation Module
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
   Energy Meter Evaluation Module
PM2002DP SAMES-PM2002DP Datasheet
823Kb / 10P
   Energy Meter Evaluation Module
PM2007HPE SAMES-PM2007HPE Datasheet
134Kb / 8P
   Energy Meter Evaluation Module with Pulse
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com