Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0342500049 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0342500049
Description  4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization A, without Connector Position Assurance, Single Key, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0342500049 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0342500049 Datasheet HTML 1Page - Molex Electronics Ltd. 0342500049 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0342500049
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
4.50mm (.177") Pitch MX150™ Cable Sealed Female Connector, Single Row, 3
Circuits, Polarization A, without Connector Position Assurance, Single Key, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34250-000 (PDF)
General
Product Family
Crimp Housings
Series
34250
Comments
No Connector Position Assurance (CPA), Single Key
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester, Polyphenylene Ether Alloy
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.177 In
Pitch - Mating Interface (mm)
4.50 mm
Pitch - Term. Interface (in)
0.177 In
Pitch - Term. Interface (mm)
4.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
15A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34250-100
Packaging Specification
PK-31300-068
Product Specification
PS-34250-000
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34250Series
Mates With
Direct Connect only
Use With
34083 Tin (Sn) Cable Seal Female Terminal,
34081 Gold (Au) Cable Seal Female
Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0342500049

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0342500000 WEIDMULLER-0342500000 Datasheet
98Kb / 2P
   Housings, 100 mm, 160 mm, 200 mm, Aluminium alloy (AlSi12)
logo
Molex Electronics Ltd.
0342500001 MOLEX4-0342500001 Datasheet
338Kb / 2P
   4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization A, with Connector Position Assurance, Dual Key, Black
0342500002 MOLEX4-0342500002 Datasheet
338Kb / 2P
   4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization B, with Connector Position Assurance, Dual Key, Gray
0342500003 MOLEX4-0342500003 Datasheet
338Kb / 2P
   4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization C, with Connector Position Assurance, Dual Key, Brown
0342500004 MOLEX4-0342500004 Datasheet
338Kb / 2P
   4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization D, with Connector Position Assurance, Dual Key, Green
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com