Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM9604 Datasheet(PDF) 11 Page - Sames

Part # PM9604
Description  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604 Datasheet(HTML) 11 Page - Sames

Back Button PM9604 Datasheet HTML 6Page - Sames PM9604 Datasheet HTML 7Page - Sames PM9604 Datasheet HTML 8Page - Sames PM9604 Datasheet HTML 9Page - Sames PM9604 Datasheet HTML 10Page - Sames PM9604 Datasheet HTML 11Page - Sames PM9604 Datasheet HTML 12Page - Sames PM9604 Datasheet HTML 13Page - Sames PM9604 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PM9604/5AP
sames
11/14
41
R28
Resistor, 820R, 1% ¼W, Metal
42
R29
Resistor, 820R, 1% ¼W, Metal
43
R31
Resistor, 47k, 1% ¼W, Metal
44
R32
Resistor, 47k, 1% ¼W, Metal
44
R33
Resistor, 680R, 1% ¼W, Metal
45
R34
Resistor, 680R, 1% ¼W, Metal
46
R35
Resistor, 680R, 1% ¼W, Metal
47
C4
Capacitor
Note 4
48
C5
Capacitor
Note 4
49
C6
Capacitor
Note 4
50
C7
Capacitor, 200µF, 35V
51
C8
Capacitor, 200µF, 35V
52
C9
Capacitor, Tantulum, 10µF
53
C10
Capacitor, Tantulum, 10µF
54
C11
Capacitor, Ceramic 820nF
Note 3
55
XTAL
Crystal, 3.5795MHz
TV Crystal
56
D1
Diode, 1N4002
57
D2
Diode, 1N4002
58
D3
Diode, 1N4002
59
D4
Diode, 1N4002
60
D5
Diode, 1N4002
61
D6
Diode, 1N4002
62
Z1
Diode, Zener, 22V
63
IC3
TL 431C, Voltage Reference
64
IC4
TL 431C, Voltage Reference
65
IC2
Quad Opto Coupler, ILQ73
66
IC5
Opto Coupler, 4N35
Parts List for Application Circuit: Figure 2 (Continued)
Item
Symbol
Description
Detail
Note 1: Resistor (R
8, R9, R10, R11, R12 and R13) values are dependant upon the selected
values of the current transformer termination resistors R
17, R18 and R19.
Note 2: Capacitor values may be selected to compensate for phase errors caused by the
current transformers
Note 3: Capacitor (C11) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1, as
possible.
Note 4: See the table below detailing the component values for the selected voltage
standard.
Note 5: Trimpots required for calibration.


Similar Part No. - PM9604

ManufacturerPart #DatasheetDescription
logo
Sames
PM9604/5APA SAMES-PM9604/5APA Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9604/5APE SAMES-PM9604/5APE Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM9604

ManufacturerPart #DatasheetDescription
logo
Sames
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
   Three Phase Energy Metering IC with Pulse Output
REV. PrB 08/01
logo
Sames
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
   THREE PHASE POWER/ENERGY METERING MODULE
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
   THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com