Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0191540048 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191540048
Description  InsulKrimp??Butt Splice for 4 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191540048 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191540048 Datasheet HTML 1Page - Molex Electronics Ltd. 0191540048 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191540048
Status:
Active
Description:
InsulKrimp™ Butt Splice for 4 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
General
Product Family
Splices
Series
19154
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, InsulKrimp™
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Resin
PVC
Packaging Type
Bag
Wire Insulation Diameter
13.10mm (.515") max.
Wire Size AWG
4
Material Info
Old Part Number
F-664X
Reference - Drawing Numbers
Sales Drawing
SD-19154-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19154Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890007
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0191540048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540042 MOLEX4-0191540042 Datasheet
82Kb / 2P
   D-654XT BUTT SPLC BZD INS TAPE DBL SPACE
0191540044 MOLEX4-0191540044 Datasheet
69Kb / 2P
   Step Down Butt Splice for 8-12 AWG Wire Red w/Yellow Strip
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0191540047 MOLEX4-0191540047 Datasheet
69Kb / 2P
   Step Down Butt Splice for 6-8 AWG Wire Blue w/Red Stripe
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
   InsulKrimp??Butt Splice for 2 AWG Wire
More results

Similar Description - 0191540048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
   InsulKrimp??Butt Splice for 2 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191540023 MOLEX4-0191540023 Datasheet
57Kb / 3P
   InsulKrimp??Butt Splice for 14-16 AWG Wire
0191540004 MOLEX4-0191540004 Datasheet
91Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191540015 MOLEX4-0191540015 Datasheet
93Kb / 3P
   InsulKrimp??Butt Splice for 14-16 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 4 AWG Wire
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 4 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com