Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5VH202-E1 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RV5VH202-E1
Description  DC/DC CONVERTER CONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5VH202-E1 Datasheet(HTML) 2 Page - RICOH electronics devices division

  RV5VH202-E1 Datasheet HTML 1Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 2Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 3Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 4Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 5Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 6Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 7Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 8Page - RICOH electronics devices division RV5VH202-E1 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
1
DC/DC CONVERTER CONTROLLER
RV5VH SERIES
OUTLINE
Each of the RV5VH series is dual output CMOS DC/DC converter ICs integrating Step-up and inverting DC/DC convert-
ers.
The RV5VH3
×× series ICs consists of an oscillator, two VFM control circuits, control transistors(EXT switches), a phase
shift circuit, a voltage reference unit, an error amplifier, and voltage sensing resistors. The package for the RV5VH series
is 8pin SSOP(0.65mm pitch), and it is suitable for power supply systems with positive and negative output, such as pager,
PDA, which need power supplies for LCD.
RV5VH1
×× and RV5VH2×× series are able to provide two DC/DC converters, one is a step-up DC/DC converter with
internally fixed output and the other is an inverting DC/DC converter with adjustable output by external resistors. A volt-
age detector with sensing pin is also included. RV5VH3
×× series are able to provide two DC/DC converters, both of them
require external drivers, DC/DC1, and inverting one, DC/DC2, can be adjustable by resistors.
FEATURES
• Dual DC/DC converter system .................................DC/DC1 : step-up
DC/DC2 : inverting(negative voltage)
• Voltage Detector ..........................................................Nch. Open Drain Output
• Low voltage operation available
RV5VH1
××,RV5VH2×× ..........................................oscillator start-up from 0.8V
RV5VH3
××.................................................................oscillator start-up from 1.8V
• High Efficiency.............................................................TYP. 80%
• Low Supply Current
• High accuracy feedback sensing ...............................TYP. ±2.5%
• Sleep Mode
RV5VH1
××, RV5VH2××..........................................DC/DC 2
RV5VH3
××.................................................................DC/DC1, 2
• Available to adjust temperature drift .........................DC/DC2 : with external resistor (RV5VH2
××, RV5VH3××)
coefficient of output voltage
• Small Package ..............................................................8pin SSOP(0.65mm pitch)
APPLICATIONS
• Power source for telecommunication systems
• Power source for portable data processing systems, e.g. PDA, Electronic Data Banks
• Power source for Audio-Visual systems, e.g. CD players, Video cameras
• Power source for Notebook PCs, Word processing systems
• Gadgets which need two power supplies, e.g. CPU and LCD


Similar Part No. - RV5VH202-E1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E1 RICOH-RV5VE001A-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E2 RICOH-RV5VE001A-E2 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B RICOH-RV5VE001B Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B-E1 RICOH-RV5VE001B-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
More results

Similar Description - RV5VH202-E1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com