Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0191640014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191640014
Description  Perma-Seal??Butt Splice for 18-22 AWG Wire, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191640014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191640014 Datasheet HTML 1Page - Molex Electronics Ltd. 0191640014 Datasheet HTML 2Page - Molex Electronics Ltd. 0191640014 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640014
Status:
Active
Description:
Perma-Seal™ Butt Splice for 18-22 AWG Wire, Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Funnel Entry, Perma-Seal™
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
NiAc™
Packaging Type
Adhesive Tape on Reel
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
5.3mm (.21") max
Wire Size AWG
18, 20, 22
Wire Size mm²
0.38 - 0.96
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SAA-22-18T
Reference - Drawing Numbers
Sales Drawing
SD-19164-017
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880264
Hand Crimp Tool, UL
Approved
0640017400
Power Crimp Tool
Head for Prema-
0640057400


Similar Part No. - 0191640014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640010 MOLEX4-0191640010 Datasheet
87Kb / 2P
   Perma-Seal??Male Snap Plug for 18-22 AWG Wire, Diameter 3.96mm (.156")
0191640011 MOLEX4-0191640011 Datasheet
129Kb / 3P
   Perma-Seal??3-Way Connector Assembly for 18-22 AWG Wire
0191640012 MOLEX4-0191640012 Datasheet
85Kb / 2P
   Perma-Seal??Female Quick Disconnect for 18-22 AWG Wire, Tab Size 6.35mm(.250
0191640013 MOLEX4-0191640013 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 18-22 AWG Wire
0191640015 MOLEX4-0191640015 Datasheet
113Kb / 2P
   Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
More results

Similar Description - 0191640014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640045 MOLEX4-0191640045 Datasheet
108Kb / 2P
   Perma-Seal??Butt Splice for 14-16 AWG Wire, Mylar Tape Carrier
0191640013 MOLEX4-0191640013 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 18-22 AWG Wire
0191640079 MOLEX4-0191640079 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 8 AWG Wire
0191640057 MOLEX4-0191640057 Datasheet
109Kb / 3P
   Perma-Seal??Butt Splice for 10-12 AWG Wire
0191640043 MOLEX4-0191640043 Datasheet
85Kb / 2P
   Perma-Seal??Step Down Butt Splice for 14-16 AWG to 18-22 AWG Wire
0191640044 MOLEX4-0191640044 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 14-16 AWG Wire
0638858600 MOLEX11-0638858600 Datasheet
64Kb / 1P
   Air Feed Mylar Tape Applicator for Butt Splice Terminals 18 - 22 AWG Wire
0191640056 MOLEX4-0191640056 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 10-12 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com