Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5VH201-E1 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RV5VH201-E1
Description  DC/DC CONVERTER CONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5VH201-E1 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RV5VH201-E1 Datasheet HTML 5Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 6Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 7Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 8Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 9Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 10Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 11Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 12Page - RICOH electronics devices division RV5VH201-E1 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
RV5VH1
××/RV5VH2××
8
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDET
Detector Threshold
2.633
2.700
2.767
V
VHYS
Detector Threshold Hysteresis
0.081
0.135
0.189
V
ISS3
Supply Current3
1.2
µA
VINmax
Maximum Input Voltage
10
V
VOPTmin
Minimum Operating Voltage
1.8
V
IOUT
Output Current
VDS=0.5V, VOUT1=1.5V
1.0
2.0
mA
VDS=0.5V, VOUT1=3.0V
4.0
5.0
mA
ISEN
Sensing pin Input Current
VSEN=3.0V
0.3
1.2
µA
VSEN
Sensing pin Input Voltage
0.7
10
V
tPLH
Output Delay
100
µs
∆VOUT1
Detector Threshold Temp.Coefficient
–40˚C
≤Topt≤85˚C
±100
ppm/˚C
∆Topt
IDOUTleak
DOUT Leakage Current
0.03
0.5
µA
VOUT1=3.0V, Topt=25˚C
Voltage Detector
* ) VOUT1=3.0V, Topt=25˚C, unless otherwise specified. (See Typical Application)


Similar Part No. - RV5VH201-E1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E1 RICOH-RV5VE001A-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001A-E2 RICOH-RV5VE001A-E2 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B RICOH-RV5VE001B Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
RV5VE001B-E1 RICOH-RV5VE001B-E1 Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
More results

Similar Description - RV5VH201-E1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com